Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LSM6DSTX Datasheet(PDF) 49 Page - STMicroelectronics

Part # LSM6DSTX
Description  iNEMO inertial module: always-on 3-axis accelerometer and 3-axis gyroscope with embedded machine learning core
PDF  175 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM6DSTX Datasheet(HTML) 49 Page - STMicroelectronics

Back Button LSM6DSTX Datasheet HTML 45Page - STMicroelectronics LSM6DSTX Datasheet HTML 46Page - STMicroelectronics LSM6DSTX Datasheet HTML 47Page - STMicroelectronics LSM6DSTX Datasheet HTML 48Page - STMicroelectronics LSM6DSTX Datasheet HTML 49Page - STMicroelectronics LSM6DSTX Datasheet HTML 50Page - STMicroelectronics LSM6DSTX Datasheet HTML 51Page - STMicroelectronics LSM6DSTX Datasheet HTML 52Page - STMicroelectronics LSM6DSTX Datasheet HTML 53Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 175 page
background image
9
Register description
The device contains a set of registers which are used to control its behavior and to retrieve linear acceleration,
angular rate and temperature data. The register addresses, made up of 7 bits, are used to identify them and to
write the data through the serial interface.
9.1
FUNC_CFG_ACCESS (01h)
Enable embedded functions register (R/W)
Table 22. FUNC_CFG_ACCESS register
FUNC_CFG
_ACCESS
SHUB_REG_
_ACCESS
0 (1)
0(1)
ODR_1kHz
0(1)
0(1)
OIS_CTRL
_FROM_UI
1. This bit must be set to 0 for the correct operation of the device.
Table 23. FUNC_CFG_ACCESS register description
FUNC_CFG_ACCESS
Enables access to the embedded functions configuration registers. Default value: 0
SHUB_REG_ACCESS
Enables access to the sensor hub (I²C master) registers. Default value: 0
ODR_1kHz
Enables ODR @ 1 kHz. To enable this function, follow these steps:
1.
Set ODR_1kHz to 1
2.
Set ODR _XL [3:0] to 0111 in CTRL1_XL (10h)
3.
Set ODR _G [3:0] to 0111 in CTRL2_G (11h)
To disable this function, follow these steps:
1.
Set ODR _XL [3:0] to 0000 in CTRL1_XL (10h)
2.
Set ODR _G [3:0] to 0000 in CTRL2_G (11h)
3.
Set ODR_1kHz to 0
OIS_CTRL_FROM_UI
Enables the full control from the primary interface of the OIS configurations. Default value: 0
(0: OIS chain full control from primary interface disabled;
1: OIS chain full control from primary interface enabled)
1. Details concerning the embedded functions configuration registers are available in Section 12 Embedded functions register
mapping and Section 13 Embedded functions register description.
2. Details concerning the sensor hub registers are available in Section 16 Sensor hub register mapping and
Section 17 Sensor hub register description.
3. This ODR is available only in combo mode.
LSM6DSTX
Register description
DS14039 - Rev 1
page 49/175



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com