Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LSM6DSTX Datasheet(PDF) 35 Page - STMicroelectronics

Part # LSM6DSTX
Description  iNEMO inertial module: always-on 3-axis accelerometer and 3-axis gyroscope with embedded machine learning core
PDF  175 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM6DSTX Datasheet(HTML) 35 Page - STMicroelectronics

Back Button LSM6DSTX Datasheet HTML 31Page - STMicroelectronics LSM6DSTX Datasheet HTML 32Page - STMicroelectronics LSM6DSTX Datasheet HTML 33Page - STMicroelectronics LSM6DSTX Datasheet HTML 34Page - STMicroelectronics LSM6DSTX Datasheet HTML 35Page - STMicroelectronics LSM6DSTX Datasheet HTML 36Page - STMicroelectronics LSM6DSTX Datasheet HTML 37Page - STMicroelectronics LSM6DSTX Datasheet HTML 38Page - STMicroelectronics LSM6DSTX Datasheet HTML 39Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 175 page
background image
6.5.1.1
Auxiliary SPI full control
This is the default condition of the device. The camera module is completely independent from the application
processor as shown in Figure 22.
The auxiliary SPI can configure OIS functionality through SPI2_INT_OIS (6Fh), SPI2_CTRL1_OIS (70h),
SPI2_CTRL2_OIS (71h), SPI2_CTRL3_OIS (72h).
Reading from the auxiliary SPI is enabled only when the OIS_EN_SPI2 bit in the SPI2_CTRL1_OIS (70h) register
is set to 1. This bit also turns on the gyroscope OIS chain.
The primary interface can access the OIS control registers (UI_INT_OIS (6Fh), UI_CTRL1_OIS (70h),
UI_CTRL2_OIS (71h), UI_CTRL3_OIS (72h)) in read mode.
Note:
If accelerometer ultralow-power mode is intended to be used on the primary chain, it is recommended to use the
primary IF enabling option instead, in order to make sure that the device is set in power-down (from ULP mode)
before enabling the OIS chain.
Figure 22. Auxiliary SPI full control (a) and enabling primary interface (b)
6x
UI/OIS
AP
I3C/SPI/I2C
Camera Module
OIS Driver
Image
Sensor
Actuator
SPI_Aux
6x
UI/OIS
AP
I3C/SPI/I2C
Camera Module
OIS Driver
Image
Sensor
Actuator
SPI_Aux
(a)
(b)
LSM6DSTX
OIS
DS14039 - Rev 1
page 35/175



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com