Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM32H742II Datasheet(PDF) 215 Page - STMicroelectronics

Part # STM32H742II
Description  32-bit Arm® Cortex®-M7 480MHz MCUs, up to 2MB flash, up to 1MB RAM, 46 com. and analog interfaces
PDF  357 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32H742II Datasheet(HTML) 215 Page - STMicroelectronics

Back Button STM32H742II Datasheet HTML 211Page - STMicroelectronics STM32H742II Datasheet HTML 212Page - STMicroelectronics STM32H742II Datasheet HTML 213Page - STMicroelectronics STM32H742II Datasheet HTML 214Page - STMicroelectronics STM32H742II Datasheet HTML 215Page - STMicroelectronics STM32H742II Datasheet HTML 216Page - STMicroelectronics STM32H742II Datasheet HTML 217Page - STMicroelectronics STM32H742II Datasheet HTML 218Page - STMicroelectronics STM32H742II Datasheet HTML 219Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 215 / 357 page
background image
DS12110 Rev 10
215/357
STM32H742xI/G STM32H743xI/G
Electrical characteristics (rev V)
320
7.3.4
Embedded reset and power control block characteristics
The parameters given in Table 126 are derived from tests performed under ambient
temperature and VDD supply voltage conditions summarized in Table 122: General
operating conditions.
Table 126. Reset and power control block characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
tRSTTEMPO(1)
Reset temporization
after BOR0 released
-
-
377
-
µs
VBOR0/POR/PDR
Brown-out reset threshold 0
(VPOR/VPDR thresholds)
Rising edge(1)
1.62
1.67
1.71
V
Falling edge
1.58
1.62
1.68
VBOR1
Brown-out reset threshold 1
Rising edge
2.04
2.10
2.15
Falling edge
1.95
2.00
2.06
VBOR2
Brown-out reset threshold 2
Rising edge
2.34
2.41
2.47
Falling edge
2.25
2.31
2.37
VBOR3
Brown-out reset threshold 3
Rising edge
2.63
2.70
2.78
Falling edge
2.54
2.61
2.68
VPVD0
Programmable Voltage
Detector threshold 0
Rising edge
1.90
1.96
2.01
Falling edge
1.81
1.86
1.91
VPVD1
Programmable Voltage
Detector threshold 1
Rising edge
2.05
2.10
2.16
Falling edge
1.96
2.01
2.06
VPVD2
Programmable Voltage
Detector threshold 2
Rising edge
2.19
2.26
2.32
Falling edge
2.10
2.15
2.21
VPVD3
Programmable Voltage
Detector threshold 3
Rising edge
2.35
2.41
2.47
Falling edge
2.25
2.31
2.37
VPVD4
Programmable Voltage
Detector threshold 4
Rising edge
2.49
2.56
2.62
Falling edge
2.39
2.45
2.51
VPVD5
Programmable Voltage
Detector threshold 5
Rising edge
2.64
2.71
2.78
Falling edge
2.55
2.61
2.68
VPVD6
Programmable Voltage
Detector threshold 6
Rising edge
2.78
2.86
2.94
Falling edge in Run mode
2.69
2.76
2.83
Vhyst_BOR_PVD
Hysteresis voltage of BOR
(unless BOR0) and PVD
Hysteresis in Run mode
-
100
-
mV
IDD_BOR_PVD(1)
BOR(2) (unless BOR0) and
PVD consumption from VDD
--
-
0.630
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com