Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM32H742II Datasheet(PDF) 217 Page - STMicroelectronics

Part # STM32H742II
Description  32-bit Arm® Cortex®-M7 480MHz MCUs, up to 2MB flash, up to 1MB RAM, 46 com. and analog interfaces
PDF  357 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32H742II Datasheet(HTML) 217 Page - STMicroelectronics

Back Button STM32H742II Datasheet HTML 213Page - STMicroelectronics STM32H742II Datasheet HTML 214Page - STMicroelectronics STM32H742II Datasheet HTML 215Page - STMicroelectronics STM32H742II Datasheet HTML 216Page - STMicroelectronics STM32H742II Datasheet HTML 217Page - STMicroelectronics STM32H742II Datasheet HTML 218Page - STMicroelectronics STM32H742II Datasheet HTML 219Page - STMicroelectronics STM32H742II Datasheet HTML 220Page - STMicroelectronics STM32H742II Datasheet HTML 221Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 217 / 357 page
background image
DS12110 Rev 10
217/357
STM32H742xI/G STM32H743xI/G
Electrical characteristics (rev V)
320
7.3.6
Supply current characteristics
The current consumption is a function of several parameters and factors such as the
operating voltage, ambient temperature, I/O pin loading, device software configuration,
operating frequencies, I/O pin switching rate, program location in memory and executed
binary code.
The current consumption is measured as described in Figure 69: Current consumption
measurement scheme.
All the run-mode current consumption measurements given in this section are performed
with a CoreMark code.
Typical and maximum current consumption
The MCU is placed under the following conditions:
•
All I/O pins are in analog input mode.
•
All peripherals are disabled except when explicitly mentioned.
•
The flash memory access time is adjusted with the minimum wait states number,
depending on the fACLK frequency (refer to the table “Number of wait states according to
CPU clock (frcc_c_ck) frequency and VCORE range” available in the reference manual).
•
When the peripherals are enabled, the AHB clock frequency is the CPU frequency
divided by 2 and the APB clock frequency is AHB clock frequency divided by 2.
The parameters given in the below tables are derived from tests performed under ambient
temperature and supply voltage conditions summarized in Table 122: General operating
conditions.
VREFINT_DIV1 1/4 reference voltage
-
-
25
-
%
VREFINT
VREFINT_DIV2 1/2 reference voltage
-
-
50
-
VREFINT_DIV3 3/4 reference voltage
-
-
75
-
1.
The shortest sampling time for the application can be determined by multiple iterations.
2.
Guaranteed by design.
Table 127. Embedded reference voltage (continued)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Table 128. Internal reference voltage calibration values
Symbol
Parameter
Memory address
VREFIN_CAL Raw data acquired at temperature of 30 °C, VDDA = 3.3 V
1FF1E860 - 1FF1E861



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com