Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM32H742II Datasheet(PDF) 216 Page - STMicroelectronics

Part # STM32H742II
Description  32-bit Arm® Cortex®-M7 480MHz MCUs, up to 2MB flash, up to 1MB RAM, 46 com. and analog interfaces
PDF  357 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32H742II Datasheet(HTML) 216 Page - STMicroelectronics

Back Button STM32H742II Datasheet HTML 212Page - STMicroelectronics STM32H742II Datasheet HTML 213Page - STMicroelectronics STM32H742II Datasheet HTML 214Page - STMicroelectronics STM32H742II Datasheet HTML 215Page - STMicroelectronics STM32H742II Datasheet HTML 216Page - STMicroelectronics STM32H742II Datasheet HTML 217Page - STMicroelectronics STM32H742II Datasheet HTML 218Page - STMicroelectronics STM32H742II Datasheet HTML 219Page - STMicroelectronics STM32H742II Datasheet HTML 220Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 216 / 357 page
background image
Electrical characteristics (rev V)
STM32H742xI/G STM32H743xI/G
216/357
DS12110 Rev 10
7.3.5
Embedded reference voltage
The parameters given in Table 127 are derived from tests performed under ambient
temperature and VDD supply voltage conditions summarized in Table 122: General
operating conditions.
VAVM_0
Analog voltage detector for
VDDA threshold 0
Rising edge
1.66
1.71
1.76
V
Falling edge
1.56
1.61
1.66
VAVM_1
Analog voltage detector for
VDDA threshold 1
Rising edge
2.06
2.12
2.19
Falling edge
1.96
2.02
2.08
VAVM_2
Analog voltage detector for
VDDA threshold 2
Rising edge
2.42
2.50
2.58
Falling edge
2.35
2.42
2.49
VAVM_3
Analog voltage detector for
VDDA threshold 3
Rising edge
2.74
2.83
2.91
Falling edge
2.64
2.72
2.80
Vhyst_VDDA
Hysteresis of VDDA voltage
detector
-
-
100
-
mV
IDD_PVM
PVM consumption from
VDD(1)
--
-
0.25
µA
IDD_VDDA
Voltage detector
consumption on VDDA(1)
Resistor bridge
-
-
2.5
µA
1. Guaranteed by design.
2. BOR0 is enabled in all modes and its consumption is therefore included in the supply current characteristics tables (refer to
Section 7.3.6: Supply current characteristics).
Table 126. Reset and power control block characteristics (continued)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Table 127. Embedded reference voltage
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VREFINT
Internal reference voltages
-40°C < TJ < 125 °C,
VDD = 3.3 V
1.180
1.216
1.255
V
tS_vrefint(1)(2)
ADC sampling time when
reading the internal reference
voltage
-4.3
-
-
µs
tS_vbat(1)(2)
VBAT sampling time when
reading the internal VBAT
reference voltage
-9
-
-
Irefbuf(2)
Reference Buffer
consumption for ADC
VDDA=3.3 V
9
13.5
23
µA
ΔV
REFINT
(2)
Internal reference voltage
spread over the temperature
range
-40°C < TJ < 125 °C
-
5
15
mV
Tcoeff(2)
Average temperature
coefficient
Average temperature
coefficient
-20
70
ppm/°C
VDDcoeff(2)
Average Voltage coefficient
3.0V < VDD < 3.6V
-
10
1370
ppm/V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com