Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM32H742II Datasheet(PDF) 219 Page - STMicroelectronics

Part # STM32H742II
Description  32-bit Arm® Cortex®-M7 480MHz MCUs, up to 2MB flash, up to 1MB RAM, 46 com. and analog interfaces
PDF  357 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32H742II Datasheet(HTML) 219 Page - STMicroelectronics

Back Button STM32H742II Datasheet HTML 215Page - STMicroelectronics STM32H742II Datasheet HTML 216Page - STMicroelectronics STM32H742II Datasheet HTML 217Page - STMicroelectronics STM32H742II Datasheet HTML 218Page - STMicroelectronics STM32H742II Datasheet HTML 219Page - STMicroelectronics STM32H742II Datasheet HTML 220Page - STMicroelectronics STM32H742II Datasheet HTML 221Page - STMicroelectronics STM32H742II Datasheet HTML 222Page - STMicroelectronics STM32H742II Datasheet HTML 223Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 219 / 357 page
background image
DS12110 Rev 10
219/357
STM32H742xI/G STM32H743xI/G
Electrical characteristics (rev V)
320
Table 130. Typical and maximum current consumption in Run mode, code with data processing
running from flash memory, cache ON,
LDO regulator ON
Symbol Parameter
Conditions
fHCLK
(MHz)
Typ
Max(1)
Unit
Tj=25
°C
Tj=85
°C
Tj=105
°C
Tj=125
°C
IDD
Supply
current in
Run mode
All
peripherals
disabled
VOS0
480
110
222
304
388
-
mA
400
91
----
VOS1
400
80
162
228
294
381
300
61.5
----
VOS2
300
55
111
168
222
294
200
38.5
----
VOS3
200
34.5
69
120
163
222
All
peripherals
enabled
VOS0
480
220
342
436
546
-
400
195
----
VOS1
400
175
264
336
424
544
300
135
----
VOS2
300
120
180
246
318
418
200
83
----
VOS3
200
75
114
173
232
312
1. Guaranteed by characterization results, unless otherwise specified.
Table 131. Typical and maximum current consumption in Run mode, code with data processing
running from flash memory, cache OFF,
LDO regulator ON
Symbol
Parameter
Conditions
fHCLK
(MHz)
Typ
Max(1)
Unit
Tj=25°C Tj=85°C
Tj=105
°C
Tj=125
°C
IDD
Supply
current in
Run mode
All
peripherals
disabled
VOS0
480
87
157
259
342
453
mA
VOS1
400
73
123
201
267
355
VOS2
300
52
85
150
204
277
VOS3
200
34
54
109
152
212
All
peripherals
enabled
VOS0
480
168
276
390
504
658
VOS1
400
135
224
308
397
519
VOS2
300
100
154
228
301
401
VOS3
200
70
103
167
226
307
1. Guaranteed by characterization results, unless otherwise specified.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com