Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CLRC663 Datasheet(PDF) 18 Page - NXP Semiconductors

Part # CLRC663
Description  High performance multi-protocol NFC frontend CLRC663 and CLRC663 plus
PDF  177 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

CLRC663 Datasheet(HTML) 18 Page - NXP Semiconductors

Back Button CLRC663 Datasheet HTML 14Page - NXP Semiconductors CLRC663 Datasheet HTML 15Page - NXP Semiconductors CLRC663 Datasheet HTML 16Page - NXP Semiconductors CLRC663 Datasheet HTML 17Page - NXP Semiconductors CLRC663 Datasheet HTML 18Page - NXP Semiconductors CLRC663 Datasheet HTML 19Page - NXP Semiconductors CLRC663 Datasheet HTML 20Page - NXP Semiconductors CLRC663 Datasheet HTML 21Page - NXP Semiconductors CLRC663 Datasheet HTML 22Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 177 page
background image
NXP Semiconductors
CLRC663
High performance multi-protocol NFC frontend CLRC663 and CLRC663 plus
8.3.3.1 FeliCa framing and coding
Preamble (Hex.)
Sync (Hex.)
Len
n-Data
CRC
00
00
00
00
00
00
B2
4D
Table 10. FeliCa framing and coding
To enable the FeliCa communication a 6 byte preamble (00h, 00h, 00h, 00h, 00h, 00h) and 2 bytes sync bytes
(B2h, 4Dh) are sent to synchronize the receiver.
The following Len byte indicates the length of the sent data bytes plus the LEN byte itself.
The CRC calculation is done according to the FeliCa definitions with the MSB first.
To transmit data on the RF interface, the host controller has to send the Len- and data- bytes to the CLRC663's
FIFO-buffer. The preamble and the sync bytes are generated by the CLRC663 automatically and must not be
written to the FIFO by the host controller. The CLRC663 performs internally the CRC calculation and adds the
result to the data frame.
8.3.4 ISO/IEC15693 functionality
The physical parameters are described in the following table:
Transfer speed
Communication direction Signal type
fc / 8192 kbit/s
fc / 512 kbit/s
reader side
modulation
10 % to 30 % ASK or
100 % ASK
10 % to 30 % ASK 90 % to 100
% ASK
bit encoding
1/256
1/4
Reader to label (send data
from the CLRC663 to a
card)
data rate
1.66 kbit/s
26.48 kbit/s
Table 11. Communication overview for ISO/IEC 15693 reader/writer reader to label
Transfer speed
Communication
direction
Signal type
6.62 (6.67) kbit/s
13.24 kbit/s[1]
26.48
(26.69) kbit/s
52.96 kbit/s
card side
modulation
not supported
not supported
single (dual)
subcarrier load
modulation
ASK
single subcarrier
load modulation
ASK
bit length (μs)
-
-
37.76 (37.46)
18.88
Label to reader
(CLRC663 receives
data from a card)
fc = 13.56 MHz
bit encoding
-
-
Manchester
coding
Manchester
coding
subcarrier
frequency
[MHz]
-
-
fc / 32 (fc / 28)
fc / 32
Table 12. Communication overview for ISO/IEC 15693 reader/writer label to reader
[1]
Fast inventory (page) read command only (ICODE proprietary command).
CLRC663
All information provided in this document is subject to legal disclaimers.
© 2024 NXP B.V. All rights reserved.
Product data sheet
Rev. 5.3 — 3 January 2024
18 / 177



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com