Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CLRC663 Datasheet(PDF) 70 Page - NXP Semiconductors

Part # CLRC663
Description  High performance multi-protocol NFC frontend CLRC663 and CLRC663 plus
PDF  177 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

CLRC663 Datasheet(HTML) 70 Page - NXP Semiconductors

Back Button CLRC663 Datasheet HTML 66Page - NXP Semiconductors CLRC663 Datasheet HTML 67Page - NXP Semiconductors CLRC663 Datasheet HTML 68Page - NXP Semiconductors CLRC663 Datasheet HTML 69Page - NXP Semiconductors CLRC663 Datasheet HTML 70Page - NXP Semiconductors CLRC663 Datasheet HTML 71Page - NXP Semiconductors CLRC663 Datasheet HTML 72Page - NXP Semiconductors CLRC663 Datasheet HTML 73Page - NXP Semiconductors CLRC663 Datasheet HTML 74Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 177 page
background image
NXP Semiconductors
CLRC663
High performance multi-protocol NFC frontend CLRC663 and CLRC663 plus
Bit
Symbol
Description
1
ProtErr
A protocol error has occurred. A protocol error can be a wrong stop bit, a missing or wrong ISO/
IEC14443B EOF or SOF or a wrong number of received data bytes. When a protocol error is
detected, data reception is stopped.
Note: ProtErr is automatically cleared at start of a receive or transceive command. In case of a
transceive command, it is cleared at the start of the receiving phase ("Wait for data" state).
Note: When a protocol error occurs the last received data byte is not written into the FIFO.
0
IntegErr
A data integrity error has been detected. Possible cause can be a wrong parity or a wrong CRC.
In case of a data integrity error the reception is continued.
Note: IntegErr is automatically cleared at start of a Receive or Transceive command. In case of a
Transceive command, it is cleared at the start of the receiving phase ("Wait for data" state).
Note: If the NoColl bit is set, also a collision is setting the IntegErr.
Table 72. Error bits...continued
9.6.2 Status
Status register.
Bit
7
6
5
4
3
2
1
0
Symbol
-
-
Crypto1On
-
-
ComState
Access
rights
RFU
RFU
dy
RFU
RFU
r
Table 73. Status register (address 0Bh)
Bit
Symbol
Description
7 to 6
-
RFU
5
Crypto1On
Indicates if the MIFARE Classic Crypto is on. Clearing this bit is switching the MIFARE Cassic
Crypto off. The bit can only be set by the MFAuthent command.
4 to 3
-
RFU
ComState shows the status of the transmitter and receiver state machine:
000b ... Idle
001b ... TxWait
011b ... Transmitting
101b ... RxWait
110b ... Wait for data
111b ... Receiving
2 to 0
ComState
100b ... not used
Table 74. Status bits
9.6.3 RxBitCtrl
Receiver control register.
CLRC663
All information provided in this document is subject to legal disclaimers.
© 2024 NXP B.V. All rights reserved.
Product data sheet
Rev. 5.3 — 3 January 2024
70 / 177



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com