Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CLRC663 Datasheet(PDF) 81 Page - NXP Semiconductors

Part # CLRC663
Description  High performance multi-protocol NFC frontend CLRC663 and CLRC663 plus
PDF  177 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

CLRC663 Datasheet(HTML) 81 Page - NXP Semiconductors

Back Button CLRC663 Datasheet HTML 77Page - NXP Semiconductors CLRC663 Datasheet HTML 78Page - NXP Semiconductors CLRC663 Datasheet HTML 79Page - NXP Semiconductors CLRC663 Datasheet HTML 80Page - NXP Semiconductors CLRC663 Datasheet HTML 81Page - NXP Semiconductors CLRC663 Datasheet HTML 82Page - NXP Semiconductors CLRC663 Datasheet HTML 83Page - NXP Semiconductors CLRC663 Datasheet HTML 84Page - NXP Semiconductors CLRC663 Datasheet HTML 85Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 81 / 177 page
background image
NXP Semiconductors
CLRC663
High performance multi-protocol NFC frontend CLRC663 and CLRC663 plus
Bit
Symbol
Description
7 to 0
T3Counter
ValLo
Low byte current counter value of Timer3.
This value shall not be read out during reception.
Table 120. T3CounterValLo bits
9.7.2.20 T4Control
The wake-up timer T4 activates the system after a given time. If enabled, it can start the low-power card
detection function.
Bit
7
6
5
4
3
2
1
0
Symbol
T4Running
T4Start
StopNow
T4Auto
Trimm
T4Auto
LPCD
T4Auto
Restart
T4AutoWakeUp
T4Clk
Access
rights
dy
w
r/w
r/w
r/w
r/w
r/w
Table 121. T4Control register (address 23h)
Bit
Symbol
Description
7
T4Running
Shows if the timer T4 is running. If the bit T4StartStopNow is set, this bit and the timer
T4 can be started/stopped.
6
T4Start
StopNow
if set, the bit T4Running can be changed.
5
T4AutoTrimm
If set to one, the timer activates an LFO trimming procedure when it underflows. For
the T4AutoTrimm function, at least one timer (T0 to T3) has to be configured properly
for trimming (T3 is not allowed if T4AutoLPCD is set in parallel).
4
T4AutoLPCD
If set to one, the timer activates a low-power card detection sequence. If a card is
detected an interrupt request is raised and the system remains active if enabled. If no
card is detected the CLRC663 enters the Power down mode if enabled. The timer is
automatically restarted (no gap). Timer 3 is used to specify the time where the RF field
is enabled to check if a card is present. Therefore you may not use Timer 3 for T4Auto
Trimm in parallel.
3
T4AutoRestart
Set to logic 1, the timer automatically restarts its countdown from T4ReloadValue, after
the counter value has reached the value zero. Set to logic 0 the timer decrements to
zero and stops. The bit Timer4IRQ is set to logic 1 at timer underflow.
2
T4AutoWakeUp
If set, the CLRC663 wakes up automatically, when the timer T4 has an underflow. This
bit has to be set if the IC should enter the Power down mode after T4AutoTrimm and/
or T4AutoLPCD is finished and no card has been detected. If the IC should stay active
after one of these procedures, this bit has to be set to 0.
1 to 0
T4Clk
00b - the timer input clock is the LFO clock
01b - the timer input clock is the LFO clock/8
10b - the timer input clock is the LFO clock/16
11b - the timer input clock is the LFO clock/32
Table 122. T4Control bits
9.7.2.21 T4ReloadHi
High byte of the reload value of the 16-bit timer 4.
CLRC663
All information provided in this document is subject to legal disclaimers.
© 2024 NXP B.V. All rights reserved.
Product data sheet
Rev. 5.3 — 3 January 2024
81 / 177



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com