Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CLRC663 Datasheet(PDF) 36 Page - NXP Semiconductors

Part # CLRC663
Description  High performance multi-protocol NFC frontend CLRC663 and CLRC663 plus
PDF  177 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

CLRC663 Datasheet(HTML) 36 Page - NXP Semiconductors

Back Button CLRC663 Datasheet HTML 32Page - NXP Semiconductors CLRC663 Datasheet HTML 33Page - NXP Semiconductors CLRC663 Datasheet HTML 34Page - NXP Semiconductors CLRC663 Datasheet HTML 35Page - NXP Semiconductors CLRC663 Datasheet HTML 36Page - NXP Semiconductors CLRC663 Datasheet HTML 37Page - NXP Semiconductors CLRC663 Datasheet HTML 38Page - NXP Semiconductors CLRC663 Datasheet HTML 39Page - NXP Semiconductors CLRC663 Datasheet HTML 40Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 177 page
background image
NXP Semiconductors
CLRC663
High performance multi-protocol NFC frontend CLRC663 and CLRC663 plus
8.4.6.10 Non-IEEE1149.1 commands
Interface on/off
With this command, the host/SAM interface can be deactivated and the Read and Write command of the
boundary scan interface is activated. (Data = 1). With Update-DR, the value is taken over.
Register Access Read
At Capture-DR, the actual address is read and stored in the DR. Shifting the DR is shifting in a new address.
With Update-DR, this address is taken over into the actual address.
Register Access Write
At the Capture-DR, the address and the data is taken over from the DR. The data is copied into the internal
register at the given address.
8.5 Buffer
8.5.1 Overview
A 512 × 8-bit FIFO buffer is implemented in the CLRC663. It buffers the input and output data stream between
the host and the internal state machine of the CLRC663. Thus, it is possible to handle data streams with lengths
of up to 512 bytes without taking timing constraints into account. The FIFO can also be limited to a size of 255
bytes. In this case all the parameters (FIFO length, Watermark...) require a single byte only for definition. In
case of a 512 byte FIFO length, the definition of this value requires 2 bytes.
8.5.2 Accessing the FIFO buffer
When the μ-Controller starts a command, the CLRC663 may, while the command is in progress, access the
FIFO-buffer according to that command. Physically only one FIFO-buffer is implemented, which can be used in
input and output direction. Therefore the μ-Controller has to take care, not to access the FIFO buffer in a way
that corrupts the FIFO data.
8.5.3 Controlling the FIFO buffer
Besides writing to and reading from the FIFO buffer, the FIFO-buffer pointers might be reset by setting the bit
FIFOFlush in FIFOControl to 1. Consequently, the FIFOLevel bits are set to logic 0, the actually stored bytes
are not accessible any more and the FIFO buffer can be filled with another 512 bytes (or 255 bytes if the bit
FIFOSize is set to 1) again.
8.5.4 Status Information about the FIFO buffer
The host may obtain the following data about the FIFO-buffers status:
• Number of bytes already stored in the FIFO-buffer. Writing increments, reading decrements the FIFO level:
FIFOLength in register FIFOLength (and FIFOControl Register in 512 byte mode)
• Warning, that the FIFO-buffer is almost full: HiAlert in register FIFOControl according to the value of the water
level in register WaterLevel (Register 02h bit [2], Register 03h bit[7:0])
• Warning, that the FIFO-buffer is almost empty: LoAlert in register FIFOControl according to the value of the
water level in register WaterLevel (Register 02h bit [2], Register 03h bit[7:0])
• FIFOOvl bit indicates, that bytes were written to the FIFO buffer although it was already full: ErrIRQ in register
IRQ0.
CLRC663
All information provided in this document is subject to legal disclaimers.
© 2024 NXP B.V. All rights reserved.
Product data sheet
Rev. 5.3 — 3 January 2024
36 / 177



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com