Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CLRC663 Datasheet(PDF) 87 Page - NXP Semiconductors

Part # CLRC663
Description  High performance multi-protocol NFC frontend CLRC663 and CLRC663 plus
PDF  177 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

CLRC663 Datasheet(HTML) 87 Page - NXP Semiconductors

Back Button CLRC663 Datasheet HTML 83Page - NXP Semiconductors CLRC663 Datasheet HTML 84Page - NXP Semiconductors CLRC663 Datasheet HTML 85Page - NXP Semiconductors CLRC663 Datasheet HTML 86Page - NXP Semiconductors CLRC663 Datasheet HTML 87Page - NXP Semiconductors CLRC663 Datasheet HTML 88Page - NXP Semiconductors CLRC663 Datasheet HTML 89Page - NXP Semiconductors CLRC663 Datasheet HTML 90Page - NXP Semiconductors CLRC663 Datasheet HTML 91Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 87 / 177 page
background image
NXP Semiconductors
CLRC663
High performance multi-protocol NFC frontend CLRC663 and CLRC663 plus
Bit
7
6
5
4
3
2
1
0
Access
rights
r/w
r/w
r/w
Table 145. TxDataNum register (address 2Eh)...continued
Bit
Symbol
Description
7 to 5
RFU
-
4
KeepBitGrid
If set, the time between consecutive transmissions starts is a multiple of one ETU. If
cleared, consecutive transmissions can even start within one ETU
3
DataEn
If cleared - it is possible to send a single symbol pattern.
If set - data is sent.
2 to 0
TxLastBits
Defines how many bits of the last data byte to be sent. If set to 000b, all bits of the last
data byte are sent.
Note - bits are skipped at the end of the byte.
Example - Data byte B2h (sent LSB first).
TxLastBits = 011b (3h) => 010b (LSB first) is sent
TxLastBits = 110b (6h) => 010011b (LSB first) is sent
Table 146. TxDataNum bits
9.10.2 TxDATAModWidth
Transmitter data modulation width register
Bit
7
6
5
4
3
2
1
0
Symbol
DModWidth
Access
rights
r/w
Table 147. TxDataModWidth register (address 2Fh)
Bit
Symbol
Description
7 to 0
DModWidth
Specifies the length of a pulse for sending data with enabled pulse modulation. The
length is given by the number of carrier clocks + 1.
A pulse can never be longer than from the start of the pulse to the end of the bit. The
starting position of a pulse is given by the setting of TxDataMod.DPulseType. Note: This
register is only used if Miller modulation (ISO/IEC 14443A PCD) is used. The settings
are also used for the modulation width of start and/or stop symbols.
Table 148. TxDataModWidth bits
9.10.3 TxSym10BurstLen
If a protocol requires a burst (an unmodulated subcarrier) the length can be defined with this TxSymBurstLen,
the value high or low can be defined by TxSym10BurstCtrl.
Bit
7
6
5
4
3
2
1
0
Symbol
RFU
Sym1Burst Len
RFU
Sym0Burst Len
Table 149. TxSym10BurstLen register (address 30h)
CLRC663
All information provided in this document is subject to legal disclaimers.
© 2024 NXP B.V. All rights reserved.
Product data sheet
Rev. 5.3 — 3 January 2024
87 / 177



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com