Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CLRC663 Datasheet(PDF) 90 Page - NXP Semiconductors

Part # CLRC663
Description  High performance multi-protocol NFC frontend CLRC663 and CLRC663 plus
PDF  177 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

CLRC663 Datasheet(HTML) 90 Page - NXP Semiconductors

Back Button CLRC663 Datasheet HTML 86Page - NXP Semiconductors CLRC663 Datasheet HTML 87Page - NXP Semiconductors CLRC663 Datasheet HTML 88Page - NXP Semiconductors CLRC663 Datasheet HTML 89Page - NXP Semiconductors CLRC663 Datasheet HTML 90Page - NXP Semiconductors CLRC663 Datasheet HTML 91Page - NXP Semiconductors CLRC663 Datasheet HTML 92Page - NXP Semiconductors CLRC663 Datasheet HTML 93Page - NXP Semiconductors CLRC663 Datasheet HTML 94Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 90 / 177 page
background image
NXP Semiconductors
CLRC663
High performance multi-protocol NFC frontend CLRC663 and CLRC663 plus
Bit
Symbol
Description
• 1h: Symbol0 is sent
• 2 h symbol1 is sent
• 3h Symbol2 is sent
1 to 0
StartSym
Defines which symbol is sent as start-symbol:
• 0h: No Symbol is sent
• 1h: Symbol0 is sent
• 2 h: Symbol1 is sent
• 3h: Symbol2 is sent
Table 156. FrameCon bits...continued
9.12 Receiver configuration registers
9.12.1 RxSofD
Bit
7
6
5
4
3
2
1
0
Symbol
RFU
SOF_En
SOFDetected
RFU
SubC_En
SubC_Detected
SubC_Present
Access
rights
-
r/w
dy
-
r/w
dy
r
Table 157. RxSofD register (address 34h)
Bit
Symbol
Description
7 to 6
RFU
-
5
SOF_En
If set and a SOF is detected an RxSOFIRQ is raised.
4
SOF_Detected
Shows that a SOF is or was detected. Can be cleared by SW.
3
RFU
-
2
SubC_En
If set and a subcarrier is detected an RxSOFIRQ is raised.
1
SubC_Detected
Shows that a subcarrier is or was detected. Can be cleared by SW.
0
SubC_Present
Shows that a subcarrier is currently detected.
Table 158. RxSofD bits
9.12.2 RxCtrl
Bit
7
6
5
4
3
2
1
0
Symbol
RxAllowBits
RxMultiple
RxEOFType
EGT_Check
EMD_Sup
Baudrate
Access
rights
r/w
r/w
r/w
r/w
r/w
r/w
Table 159. RxCtrl register (address 35h)
Bit
Symbol
Description
7
RxAllowBits
If set, data is written into FIFO even if CRC is enabled, and no complete byte has been
received.
Table 160. RxCtrl bits
CLRC663
All information provided in this document is subject to legal disclaimers.
© 2024 NXP B.V. All rights reserved.
Product data sheet
Rev. 5.3 — 3 January 2024
90 / 177



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com