Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CLRC663 Datasheet(PDF) 43 Page - NXP Semiconductors

Part # CLRC663
Description  High performance multi-protocol NFC frontend CLRC663 and CLRC663 plus
PDF  177 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

CLRC663 Datasheet(HTML) 43 Page - NXP Semiconductors

Back Button CLRC663 Datasheet HTML 39Page - NXP Semiconductors CLRC663 Datasheet HTML 40Page - NXP Semiconductors CLRC663 Datasheet HTML 41Page - NXP Semiconductors CLRC663 Datasheet HTML 42Page - NXP Semiconductors CLRC663 Datasheet HTML 43Page - NXP Semiconductors CLRC663 Datasheet HTML 44Page - NXP Semiconductors CLRC663 Datasheet HTML 45Page - NXP Semiconductors CLRC663 Datasheet HTML 46Page - NXP Semiconductors CLRC663 Datasheet HTML 47Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 177 page
background image
NXP Semiconductors
CLRC663
High performance multi-protocol NFC frontend CLRC663 and CLRC663 plus
001aam307
SIGIN
SIGIN
SIGOUT
SIGOUT
READER IC
(DIGITAL)
READER IC
(ANTENNA)
Figure 29. Block diagram of the active Antenna concept
The Table 33 and Table 34 describe the necessary register configuration for the use case active antenna
concept.
Register
Value (binary)
Description
SigOut.SigOutSel
0100
TxEnvelope
Rcv.SigInSel
10
11
Receive over SigIn (ISO/IEC14443A)
Receive over SigIn (Generic Code)
DrvCon.TxSel
00
Low (idle)
Table 33. Register configuration of CLRC663 active antenna concept (DIGITAL)
Register
Value (binary)
Description
SigOut.SigOutSel
0110
0111
Generic Code (Manchester)
Manchester with Subcarrier (ISO/IEC14443A)
Rcv.SigInSel
01
Internal
DrvCon.TxSel
10
External (SigIn)
RxCtrl.RxMultiple
1
RxMultiple on
Table 34. Register configuration of CLRC663 active antenna concept (Antenna)
The interface between these two blocks can be configured in the way, that the interfacing signals may be routed
to the pins SIGIN and SIGOUT (see Figure 30).
This topology supports, that some parts of the analog part of the CLRC663 may be connected to the digital part
of another device.
The switch SigOutSel in registerSigOut can be used to measure signals. This is especially important during the
design-in phase or for test purposes to check the transmitted and received data.
However, the most important use of SIGIN/SIGOUT pins is the active antenna concept. An external active
antenna circuit can be connected to the digital circuit of the CLRC663. SigOutSel has to be configured in
that way that the signal of the internal Miller Coder is sent to SIGOUT pin (SigOutSel = 4). SigInSel has to be
configured to receive Manchester signal with subcarrier from SIGIN pin (SigInSel = 1).
It is possible, to connect a passive antenna to pins TX1, TX2 and RX (via the appropriate filter and matching
circuit) and at the same time an active antenna to the pins SIGOUT and SIGIN. In this configuration, two RF-
parts may be driven (one after another) by a single host processor.
CLRC663
All information provided in this document is subject to legal disclaimers.
© 2024 NXP B.V. All rights reserved.
Product data sheet
Rev. 5.3 — 3 January 2024
43 / 177



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com