Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CLRC663 Datasheet(PDF) 19 Page - NXP Semiconductors

Part # CLRC663
Description  High performance multi-protocol NFC frontend CLRC663 and CLRC663 plus
PDF  177 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

CLRC663 Datasheet(HTML) 19 Page - NXP Semiconductors

Back Button CLRC663 Datasheet HTML 15Page - NXP Semiconductors CLRC663 Datasheet HTML 16Page - NXP Semiconductors CLRC663 Datasheet HTML 17Page - NXP Semiconductors CLRC663 Datasheet HTML 18Page - NXP Semiconductors CLRC663 Datasheet HTML 19Page - NXP Semiconductors CLRC663 Datasheet HTML 20Page - NXP Semiconductors CLRC663 Datasheet HTML 21Page - NXP Semiconductors CLRC663 Datasheet HTML 22Page - NXP Semiconductors CLRC663 Datasheet HTML 23Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 177 page
background image
NXP Semiconductors
CLRC663
High performance multi-protocol NFC frontend CLRC663 and CLRC663 plus
001aam272
pulse
modulated
carrier
~9.44 µs
0 1 2 3 4
~18.88 µs
. 2 . . .
.
.
.
.
.
. . . .
. . . . .
2
2
.
.
.
.
.
2 2
2
5
5
5 5
5
~4,833 ms
3
2
4 5
Figure 10. Data coding according to ISO/IEC 15693. standard mode reader to label
8.3.5 EPC-UID/UID-OTP functionality
The physical parameters are described in the following table:
Transfer speed
Communication direction
Signal type
26.48 kbit/s
52.96 kbit/s
reader side modulation
10 % to 30 % ASK
bit encoding
RTZ
Reader to card (send data
from the CLRC663 to a card)
bit length
37.76 μs
card side modulation
single subcarrier load
modulation
bit length
18.88 μs
Card to reader (CLRC663
receives data from a card)
bit encoding
Manchester coding
Table 13. Communication overview for EPC/UID
Data coding and framing according to EPC global 13.56 MHz ISM (industrial, scientific and medical) Band Class
1 Radio Frequency Identification Tag Interface Specification (Candidate Recommendation, Version 1.0.0).
8.3.6 ISO/IEC 18000-3 mode 3/ EPC Class-1 HF functionality
The ISO/IEC 18000-3 mode 3/ EPC Class-1 HF is not described in this document. For a detailed explanation of
the protocol, refer to the ISO/IEC 18000-3 mode 3/ EPC Class-1 HF standard.
8.3.6.1 Data encoding ICODE
The ICODE protocols have mainly three different methods of data encoding:
• "1" out of "4" coding scheme
• "1" out of "256" coding scheme
• "Return to Zero" (RZ) coding scheme
Data encoding for all three coding schemes is done by the ICODE generator.
The supported EPC Class-1 HF modes are:
• 2 pulse for 424 kbit subcarrier
• 4 pulse for 424 kbit subcarrier
• 2 pulse for 848 kbit subcarrier
• 4 pulse for 848 kbit subcarrier
CLRC663
All information provided in this document is subject to legal disclaimers.
© 2024 NXP B.V. All rights reserved.
Product data sheet
Rev. 5.3 — 3 January 2024
19 / 177



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com