Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CLRC663 Datasheet(PDF) 91 Page - NXP Semiconductors

Part # CLRC663
Description  High performance multi-protocol NFC frontend CLRC663 and CLRC663 plus
PDF  177 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

CLRC663 Datasheet(HTML) 91 Page - NXP Semiconductors

Back Button CLRC663 Datasheet HTML 87Page - NXP Semiconductors CLRC663 Datasheet HTML 88Page - NXP Semiconductors CLRC663 Datasheet HTML 89Page - NXP Semiconductors CLRC663 Datasheet HTML 90Page - NXP Semiconductors CLRC663 Datasheet HTML 91Page - NXP Semiconductors CLRC663 Datasheet HTML 92Page - NXP Semiconductors CLRC663 Datasheet HTML 93Page - NXP Semiconductors CLRC663 Datasheet HTML 94Page - NXP Semiconductors CLRC663 Datasheet HTML 95Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 177 page
background image
NXP Semiconductors
CLRC663
High performance multi-protocol NFC frontend CLRC663 and CLRC663 plus
Bit
Symbol
Description
6
RxMultiple
If set, RxMultiple is activated and the receiver will not terminate automatically (refer
Section 8.10.3.6.
If set to logic 1, at the end of a received data stream an error byte is
added to the FIFO. The error byte is a copy of the Error register.
5
RxEOFType
0: EOF as defined in the RxEOFSymbolReg is expected.
1: ISO/IEC14443B EOF is expected.
Note: Clearing this bit to 0 and clearing bit 0 and bit 1 in the RxEOFSymbolReg disables
the EOF check.
4
EGT_Check
If set to 1, the EGT is checked and if it is too long
a protocol error is set. (This is only valid for ISO/IEC14443 Type B).
3
EMD_Sup
Enables the EMD suppression according to ISO/IEC14443. If an error occurs within
the first three bytes, these three bytes are assumed to be EMD, ignored and the FIFO
is reset. A collision is treated as an error as well If a valid SOF was received, the
EMD_Sup is set and a frame of less than 3 bytes had been received. RX_IRQ is not set
in this EMD error cases. If RxForceCRCWrite is set, the FIFO should not be read out
before three bytes are written into.
2 to 0
Baudrate
Defines the baud rate of the receiving signal.
2h: 26 kBd
3h: 52 kBd
4h: 106 kBd
5h: 212 kBd
6h: 424 kBd
7h: 847 kBd
all remaining values are RFU
Table 160. RxCtrl bits...continued
9.12.3 RxWait
Selects internal receiver settings.
Bit
7
6
5
4
3
2
1
0
Symbol
RxWaitEtu
RxWait
Access
rights
r/w
r/w
Table 161. RxWait register (address 36h)
Bit
Symbol
Description
7
RXWaitEtu
If set to 0, the RxWait time is RxWait × 16/13.56 MHz.
If set to 1, the RxWait time is RxWait × (0.5/DBFreq).
6 to 0
RxWait
Defines the time after sending, where every input is ignored.
Table 162. RxWait bits
9.12.4 RxThreshold
Selects minimum threshold level for the bit decoder.
CLRC663
All information provided in this document is subject to legal disclaimers.
© 2024 NXP B.V. All rights reserved.
Product data sheet
Rev. 5.3 — 3 January 2024
91 / 177



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com