Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CLRC663 Datasheet(PDF) 89 Page - NXP Semiconductors

Part # CLRC663
Description  High performance multi-protocol NFC frontend CLRC663 and CLRC663 plus
PDF  177 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

CLRC663 Datasheet(HTML) 89 Page - NXP Semiconductors

Back Button CLRC663 Datasheet HTML 85Page - NXP Semiconductors CLRC663 Datasheet HTML 86Page - NXP Semiconductors CLRC663 Datasheet HTML 87Page - NXP Semiconductors CLRC663 Datasheet HTML 88Page - NXP Semiconductors CLRC663 Datasheet HTML 89Page - NXP Semiconductors CLRC663 Datasheet HTML 90Page - NXP Semiconductors CLRC663 Datasheet HTML 91Page - NXP Semiconductors CLRC663 Datasheet HTML 92Page - NXP Semiconductors CLRC663 Datasheet HTML 93Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 177 page
background image
NXP Semiconductors
CLRC663
High performance multi-protocol NFC frontend CLRC663 and CLRC663 plus
Bit
Symbol
Description
5 to 3
TxWait High
Bit extension of TxWaitLo. TxWaitCtrl bit 5 is MSB.
2 to 0
TxStopBitLength
Defines stop-bits and EGT (= stop-bit + extra guard time EGT) to be sent:
0h: no stop-bit, no EGT
1h: 1 stop-bit, no EGT
2h: 1 stop-bit + 1 EGT
3h: 1 stop-bit + 2 EGT
4h: 1 stop-bit + 3 EGT
5h: 1 stop-bit + 4 EGT
6h: 1 stop-bit + 5 EGT
7h: 1 stop-bit + 6 EGT
Note: This is only valid for ISO/IEC14443 Type B
Table 152. TXWaitCtrl bits...continued
9.10.5 TxWaitLo
Bit
7
6
5
4
3
2
1
0
Symbol
TxWaitLo
Access
rights
r/w
Table 153. TxWaitLo register (address 32h)
Bit
Symbol
Description
7 to 0
TxWaitLo
Defines the minimum time between receive and send or between two send data streams
Note: TxWait is a 11bit register (additional 3 bits are in the TxWaitCtrl register)!
See also TxWaitEtu and TxWaitStart.
Table 154. TxWaitLo bits
9.11 FrameCon
Bit
7
6
5
4
3
2
1
0
Symbol
TxParityEn
RxParityEn
-
-
StopSym
StartSym
Access
rights
r/w
r/w
RFU
RFU
r/w
r/w
Table 155. FrameCon register (address 33h)
Bit
Symbol
Description
7
TxParityEn
If set, a parity bit is calculated and appended to each byte
transmitted.
6
RxParityEn
If set, the parity calculation is enabled. The parity is not transferred to the FIFO.
5 to 4
-
RFU
3 to 2
StopSym
Defines which symbol is sent as stop-symbol:
• 0h: No symbol is sent
Table 156. FrameCon bits
CLRC663
All information provided in this document is subject to legal disclaimers.
© 2024 NXP B.V. All rights reserved.
Product data sheet
Rev. 5.3 — 3 January 2024
89 / 177



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com