Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CLRC663 Datasheet(PDF) 72 Page - NXP Semiconductors

Part # CLRC663
Description  High performance multi-protocol NFC frontend CLRC663 and CLRC663 plus
PDF  177 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

CLRC663 Datasheet(HTML) 72 Page - NXP Semiconductors

Back Button CLRC663 Datasheet HTML 68Page - NXP Semiconductors CLRC663 Datasheet HTML 69Page - NXP Semiconductors CLRC663 Datasheet HTML 70Page - NXP Semiconductors CLRC663 Datasheet HTML 71Page - NXP Semiconductors CLRC663 Datasheet HTML 72Page - NXP Semiconductors CLRC663 Datasheet HTML 73Page - NXP Semiconductors CLRC663 Datasheet HTML 74Page - NXP Semiconductors CLRC663 Datasheet HTML 75Page - NXP Semiconductors CLRC663 Datasheet HTML 76Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 177 page
background image
NXP Semiconductors
CLRC663
High performance multi-protocol NFC frontend CLRC663 and CLRC663 plus
Bit
Symbol
Description
3Fh indicates a bit collision in the 64th bit (8th bit of the 8th byte)
These bits shall only be interpreted in Passive communication mode at 106 kbit/s or ISO/IEC
14443 type A and read /write mode for MIFARE Classic or ISO/IEC 15693/ICODE SLI read/
write mode if bit CollPosValid is set.
Note: If RxBitCtrl.RxAlign is set to a value different to 0, this value is included in the CollPos.
Example: RxAlign = 4h, a collision occurs in the 4th received bit (which is the last bit of that UID
byte). The CollPos = 7h in this case.
Table 78. RxColl bits...continued
9.7 Timer configuration registers
9.7.1 TControl
Control register of the timer section.
The TControl implements a special functionality to avoid the not intended modification of bits.
Bit 3..0 indicates, which bits in the positions 7..4 are intended to be modified.
Example: writing FFh sets all bits 7..4, writing F0h does not change any of the bits 7..4
Bit
7
6
5
4
3
2
1
0
Symbol
T3Running T2Running T1Running T0Running
T3Start
StopNow
T2Start
StopNow
T1Start
StopNow
T0Start
StopNow
Access
rights
dy
dy
dy
dy
w
w
w
w
Table 79. TControl register (address 0Eh)
Bit
Symbol
Description
7
T3Running
Indicates Timer3 is running.If the bit T3startStopNow is set/reset, this bit and the timer
can be started/stopped
6
T2Running
Indicates Timer2 is running. If the bit T2startStopNow is set/reset, this bit and the timer
can be started/stopped
5
T1Running
Indicates tTmer1 is running. If the bit T1startStopNow is set/reset, this bit and the timer
can be started/stopped
4
T0Running
Indicates Timer0 is running. If the bit T0startStopNow is set/reset, this bit and the timer
can be started/stopped
3
T3StartStop
Now
The bit 7 of TControl T3Running can be modified if set
2
T2StartStop
Now
The bit 6of TControl T2Running can be modified if set
1
T1StartStop
Now
The bit 5of TControl T1Running can be modified if set
0
T0StartStop
Now
The bit 4 of TControl T0Running can be modified if set
Table 80. TControl bits
CLRC663
All information provided in this document is subject to legal disclaimers.
© 2024 NXP B.V. All rights reserved.
Product data sheet
Rev. 5.3 — 3 January 2024
72 / 177



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com