Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CLRC663 Datasheet(PDF) 29 Page - NXP Semiconductors

Part # CLRC663
Description  High performance multi-protocol NFC frontend CLRC663 and CLRC663 plus
PDF  177 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

CLRC663 Datasheet(HTML) 29 Page - NXP Semiconductors

Back Button CLRC663 Datasheet HTML 25Page - NXP Semiconductors CLRC663 Datasheet HTML 26Page - NXP Semiconductors CLRC663 Datasheet HTML 27Page - NXP Semiconductors CLRC663 Datasheet HTML 28Page - NXP Semiconductors CLRC663 Datasheet HTML 29Page - NXP Semiconductors CLRC663 Datasheet HTML 30Page - NXP Semiconductors CLRC663 Datasheet HTML 31Page - NXP Semiconductors CLRC663 Datasheet HTML 32Page - NXP Semiconductors CLRC663 Datasheet HTML 33Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 177 page
background image
NXP Semiconductors
CLRC663
High performance multi-protocol NFC frontend CLRC663 and CLRC663 plus
001aam303
MSB
acknowledgement
signal from slave
acknowledgement
signal from receiver
clock line held low while
interrupts are serviced
byte complete,
interrupt within slave
1
2
7
8
9
1
2
9
ACK
ACK
3 - 8
Sr
or
P
P
Sr
S
or
Sr
Figure 20. Data transfer on the I2C- bus
8.4.4.6 I2C 7-bit addressing
During the I2C-bus addressing procedure, the first byte after the START condition is used to determine which
slave will be selected by the master.
Alternatively the I2C address can be configured in the EEPROM. Several address numbers are reserved for
this purpose. During device configuration, the designer has to ensure, that no collision with these reserved
addresses in the system is possible. Check the corresponding I2C specification for a complete list of reserved
addresses.
For all CLRC663 devices, the upper 5 bits of the device bus address are reserved by NXP and set to
01010(bin). The remaining 2 bits (ADR_2, ADR_1) of the slave address can be freely configured by the
customer in order to prevent collisions with other I2C devices by using the interface pins (refer to Table 16) or
the value of the I2C address EEPROM register (refer to Table 38).
001aam304
Bit 6
Bit 5
Bit 4
slave address
Bit 3
Bit 2
Bit 1
Bit 0
R/W
MSB
LSB
Figure 21. First byte following the START procedure
8.4.4.7 I2C-register write access
To write data from the host controller via I2C to a specific register of the CLRC663, the following frame format
shall be used.
The read/write bit shall be set to logic 0.
The first byte of a frame indicates the device address according to the I2C rules. The second byte indicates the
register address followed by up to n-data bytes. In case the address indicates the FIFO, in one frame all n-data
bytes are written to the FIFO register address. This enables for example a fast FIFO access.
8.4.4.8 I2C-register read access
To read out data from a specific register address of the CLRC663, the host controller shall use the procedure:
First a write access to the specific register address has to be performed as indicated in the following frame:
The first byte of a frame indicates the device address according to the I2C rules. The second byte indicates the
register address. No data bytes are added.
The read/write bit shall be logic 0.
CLRC663
All information provided in this document is subject to legal disclaimers.
© 2024 NXP B.V. All rights reserved.
Product data sheet
Rev. 5.3 — 3 January 2024
29 / 177



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com