Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CLRC663 Datasheet(PDF) 31 Page - NXP Semiconductors

Part # CLRC663
Description  High performance multi-protocol NFC frontend CLRC663 and CLRC663 plus
PDF  177 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

CLRC663 Datasheet(HTML) 31 Page - NXP Semiconductors

Back Button CLRC663 Datasheet HTML 27Page - NXP Semiconductors CLRC663 Datasheet HTML 28Page - NXP Semiconductors CLRC663 Datasheet HTML 29Page - NXP Semiconductors CLRC663 Datasheet HTML 30Page - NXP Semiconductors CLRC663 Datasheet HTML 31Page - NXP Semiconductors CLRC663 Datasheet HTML 32Page - NXP Semiconductors CLRC663 Datasheet HTML 33Page - NXP Semiconductors CLRC663 Datasheet HTML 34Page - NXP Semiconductors CLRC663 Datasheet HTML 35Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 177 page
background image
NXP Semiconductors
CLRC663
High performance multi-protocol NFC frontend CLRC663 and CLRC663 plus
Parameter
Min
Max
Unit
tHIGH
100
-
ns
tSU;SDA
80
-
ns
tHD;DAT
0
50
ns
tSU;DAT
0
20
ns
tSU;STO
80
-
ns
tBUF
200
-
ns
Table 26. Timing parameter I2CL...continued
The pull-up resistor is not required for the I2CL interface. Instead, a on chip buskeeper is implemented in the
CLRC663 for SDA of the I2CL interface. This protocol is intended to be used for a point-to-point connection of
devices over a short distance and does not support a bus capability.The driver of the pin must force the line to
the desired logic voltage. To avoid that two drivers are pushing, the line at the same time following regulations
must be fulfilled:
SCL: As there is no clock stretching, the SCL is always under control of the Master.
SDA: The SDA line is shared between master and slave. Therefore the master and the slave must have the
control over the own driver enable line of the SDA pin. The following rules must be followed:
• In the idle phase, the SDA line is driven high by the master
• In the time between start and stop condition, the SDA line is driven by master or slave when SCL is low. If
SCL is high, the SDA line is not driven by any device
• To keep the value on the SDA line a on chip, buskeeper structure is implemented for the line
8.4.5 SAM interface
8.4.5.1 SAM functionality
The CLRC663 implements a dedicated I2C or SPI interface to integrate a MIFARE SAM (Secure Access
Module) in a very convenient way into applications (e.g. a proximity reader).
The SAM can be connected to the microcontroller to operate like a cryptographic coprocessor. For any
cryptographic task, the microcontroller requests an operation from the SAM, receives the answer and sends it
over a host interface (e.g. I2C, SPI) interface to the connected reader IC.
The MIFARE SAM supports an optimized method to integrate the SAM in a very efficient way to reduce the
protocol overhead. In this system configuration, the SAM is integrated between the microprocessor and the
reader IC, connected by one interface to the reader IC and by another interface to the microcontroller. In this
application, the microcontroller accesses the SAM using the T=1 protocol and the SAM accesses the reader
IC using an I2C interface. The I2C SAM address is always defined by EEPROM register. Default value is
0101100. As the SAM is directly communicating with reader IC, the communication overhead is reduced. In this
configuration, a performance boost of up to 40 % can be achieved for a transaction time.
The MIFARE SAM supports applications using MIFARE product-based cards. For multi-application purposes,
an architecture connecting the microcontroller additionally directly to the reader IC is recommended. This is
possible by connecting the CLRC663 on one interface (SAM Interface SDA, SCL) with the MIFARE SAM AV2.6
(P5DF081XX/T1AR1070) and by connecting the microcontroller to the S2C or SPI interface.
CLRC663
All information provided in this document is subject to legal disclaimers.
© 2024 NXP B.V. All rights reserved.
Product data sheet
Rev. 5.3 — 3 January 2024
31 / 177



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com