Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CLRC663 Datasheet(PDF) 82 Page - NXP Semiconductors

Part # CLRC663
Description  High performance multi-protocol NFC frontend CLRC663 and CLRC663 plus
PDF  177 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

CLRC663 Datasheet(HTML) 82 Page - NXP Semiconductors

Back Button CLRC663 Datasheet HTML 78Page - NXP Semiconductors CLRC663 Datasheet HTML 79Page - NXP Semiconductors CLRC663 Datasheet HTML 80Page - NXP Semiconductors CLRC663 Datasheet HTML 81Page - NXP Semiconductors CLRC663 Datasheet HTML 82Page - NXP Semiconductors CLRC663 Datasheet HTML 83Page - NXP Semiconductors CLRC663 Datasheet HTML 84Page - NXP Semiconductors CLRC663 Datasheet HTML 85Page - NXP Semiconductors CLRC663 Datasheet HTML 86Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 177 page
background image
NXP Semiconductors
CLRC663
High performance multi-protocol NFC frontend CLRC663 and CLRC663 plus
Bit
7
6
5
4
3
2
1
0
Symbol
T4ReloadHi
Access
rights
r/w
Table 123. T4ReloadHi register (address 24h)
Bit
Symbol
Description
7 to 0
T4ReloadHi
Defines high byte for the reload value of timer 4. With the start event, the timer 4 loads
the T4ReloadVal. Changing this register affects the timer only at the next start event.
Table 124. T4ReloadHi bits
9.7.2.22 T4ReloadLo
Low byte of the reload value of the 16-bit timer 4.
Bit
7
6
5
4
3
2
1
0
Symbol
T4ReloadLo
Access
rights
r/w
Table 125. T4ReloadLo register (address 25h)
Bit
Symbol
Description
7 to 0
T4ReloadLo
Defines the low byte of the reload value of the timer 4. With the start event, the timer
loads the value of the T4ReloadVal. Changing this register affects the timer only at the
next start event.
Table 126. T4ReloadLo bits
9.7.2.23 T4CounterValHi
High byte of the counter value of the 16-bit timer 4.
Bit
7
6
5
4
3
2
1
0
Symbol
T4CounterValHi
Access
rights
dy
Table 127. T4CounterValHi register (address 26h)
Bit
Symbol
Description
7 to 0
T4CounterValHi
High byte of the current counter value of timer 4.
Table 128. T4CounterValHi bits
9.7.2.24 T4CounterValLo
Low byte of the counter value of the 16-bit timer 4.
CLRC663
All information provided in this document is subject to legal disclaimers.
© 2024 NXP B.V. All rights reserved.
Product data sheet
Rev. 5.3 — 3 January 2024
82 / 177



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com