Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CLRC663 Datasheet(PDF) 65 Page - NXP Semiconductors

Part # CLRC663
Description  High performance multi-protocol NFC frontend CLRC663 and CLRC663 plus
PDF  177 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

CLRC663 Datasheet(HTML) 65 Page - NXP Semiconductors

Back Button CLRC663 Datasheet HTML 61Page - NXP Semiconductors CLRC663 Datasheet HTML 62Page - NXP Semiconductors CLRC663 Datasheet HTML 63Page - NXP Semiconductors CLRC663 Datasheet HTML 64Page - NXP Semiconductors CLRC663 Datasheet HTML 65Page - NXP Semiconductors CLRC663 Datasheet HTML 66Page - NXP Semiconductors CLRC663 Datasheet HTML 67Page - NXP Semiconductors CLRC663 Datasheet HTML 68Page - NXP Semiconductors CLRC663 Datasheet HTML 69Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 177 page
background image
NXP Semiconductors
CLRC663
High performance multi-protocol NFC frontend CLRC663 and CLRC663 plus
Bit
Symbol
Description
1 to 0
FIFOLengthExtBits
Defines the bit9 (MSB) and bit8 for the FIFO length (extension of FIFOLength).
These two bits are only evaluated in the 512-byte FIFO mode. The bits 7..0 are
defined in register FIFOLength.
Table 56. FIFOControl bits...continued
9.4.2 WaterLevel
Defines the level for FIFO under- and overflow warning levels.This register is extended by 1 bit in FIFOControl
in case the 512-byte FIFO mode is activated by setting bit FIFOControl.FIFOSize.
Bit
7
6
5
4
3
2
1
0
Symbol
WaterLevelBits
Access
rights
r/w
r/w
r/w
r/w
r/w
r/w
r/w
r/w
Table 57. WaterLevel register (address 03h);
Bit
Symbol
Description
7 to 0
WaterLevelBits
Sets a level to indicate a FIFO-buffer state which can be read from bits HighAlert and
LowAlert in the FifoControl. In 512-byte FIFO mode, the register is extended by bit
WaterLevelExtBit in the FIFOControl. This functionality can be used to avoid a FIFO
buffer overflow or underflow:
The bit HiAlert bit in FIFO Control is read logic 1, if the number of bytes in the FIFO-
buffer is equal or less than the number defined by the waterlevel configuration.
The bit LoAlert bit in FIFO control is read logic 1, if the number of bytes in the FIFO
buffer is equal or less than the number defined by the waterlevel configuration.
Note: For the calculation of HiAlert and LoAlert, see register description of these bits
(see Section 9.4.1).
Table 58. WaterLevel bits
9.4.3 FIFOLength
Number of bytes in the FIFO buffer. In 512-byte mode, this register is extended by FIFOControl.FifoLength.
Bit
7
6
5
4
3
2
1
0
Symbol
FIFOLength
Access
rights
dy
Table 59. FIFOLength register (address 04h); reset value: 00h
Bit
Symbol
Description
7 to 0
FIFOLength
Indicates the number of bytes in the FIFO buffer. In 512-byte mode this register is
extended by the bits FIFOLength in the FIFOControl register. Writing to the FIFOData
register increments, reading decrements the number of available bytes in the FIFO.
Table 60. FIFOLength bits
CLRC663
All information provided in this document is subject to legal disclaimers.
© 2024 NXP B.V. All rights reserved.
Product data sheet
Rev. 5.3 — 3 January 2024
65 / 177



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com