Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CLRC663 Datasheet(PDF) 110 Page - NXP Semiconductors

Part # CLRC663
Description  High performance multi-protocol NFC frontend CLRC663 and CLRC663 plus
PDF  177 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

CLRC663 Datasheet(HTML) 110 Page - NXP Semiconductors

Back Button CLRC663 Datasheet HTML 106Page - NXP Semiconductors CLRC663 Datasheet HTML 107Page - NXP Semiconductors CLRC663 Datasheet HTML 108Page - NXP Semiconductors CLRC663 Datasheet HTML 109Page - NXP Semiconductors CLRC663 Datasheet HTML 110Page - NXP Semiconductors CLRC663 Datasheet HTML 111Page - NXP Semiconductors CLRC663 Datasheet HTML 112Page - NXP Semiconductors CLRC663 Datasheet HTML 113Page - NXP Semiconductors CLRC663 Datasheet HTML 114Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 110 / 177 page
background image
NXP Semiconductors
CLRC663
High performance multi-protocol NFC frontend CLRC663 and CLRC663 plus
Bit
Symbol
Description
4
RxStopOnLength
If set to 1, data reception stops when the number of received bytes reach
the defined frame length. The value for the frame length is taken from the
first data-byte received.
3
RxMSBFirst
If set to 1, data bytes are interpreted MSB first for data reception, which
means data is converted at the CLCoPro interface. If this bit is set to 0, data
is interpreted LSB first.
2
RxStopBitEn
If set, a stop-bit is expected and will be checked and extracted from
data stream. Additionally on detection of a stop-bit a reset signal for the
demodulator is generator to enable a resynchronization of the demodulator.
If the expected stop-bit is incorrect, a frame error flag is set and the
reception is aborted.
Note: A stop bit is always considered to be a logic 1
1
RxParityType
Defines which type of the parity-bit is calculated:
If cleared: Even parity
If set: Odd parity
0
RFU
-
Table 232. RxBitMod bits...continued
9.17.2 RxEofSym
Bit
7
6
5
4
3
2
1
0
Symbol
RxEOFSymbol
Access
rights
r/w
Table 233. RxEofSym (address 59h)
Bit
Symbol
Description
7 to 0
RxEOF
Symbol
This value defines the pattern of the EOF symbol with a maximum length of 4 bit. Every
tuple of 2 bits of the RxEOFSymbol encodes one bit of the EOF symbol. A 00 tuple
closes the symbol. In this way symbols with less than 4 bits can be defined, starting with
the bit0 and bit1. The leftmost active symbol pattern is processed first, which means the
pattern is expected first. If the bit0 and bit1 are both zero, the EOF symbol is disabled.
The following mapping is defined:
0h - no symbol bit
1h - zero value
2h - one value
3h - collision
Example:
1Dh: Zero-Collision-Zero
E8h: No symbol because two LSBits are zero
Table 234. RxEOFSym bits
CLRC663
All information provided in this document is subject to legal disclaimers.
© 2024 NXP B.V. All rights reserved.
Product data sheet
Rev. 5.3 — 3 January 2024
110 / 177



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com