Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CLRC663 Datasheet(PDF) 116 Page - NXP Semiconductors

Part # CLRC663
Description  High performance multi-protocol NFC frontend CLRC663 and CLRC663 plus
PDF  177 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

CLRC663 Datasheet(HTML) 116 Page - NXP Semiconductors

Back Button CLRC663 Datasheet HTML 112Page - NXP Semiconductors CLRC663 Datasheet HTML 113Page - NXP Semiconductors CLRC663 Datasheet HTML 114Page - NXP Semiconductors CLRC663 Datasheet HTML 115Page - NXP Semiconductors CLRC663 Datasheet HTML 116Page - NXP Semiconductors CLRC663 Datasheet HTML 117Page - NXP Semiconductors CLRC663 Datasheet HTML 118Page - NXP Semiconductors CLRC663 Datasheet HTML 119Page - NXP Semiconductors CLRC663 Datasheet HTML 120Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 116 / 177 page
background image
NXP Semiconductors
CLRC663
High performance multi-protocol NFC frontend CLRC663 and CLRC663 plus
11 Recommended operating conditions
Exposure of the device to other conditions than specified in the Recommended Operating Conditions section for
extended periods may affect device reliability.
Electrical parameters (minimum, typical and maximum) of the device are guaranteed only when it is used within
the recommended operating conditions.
Symbol
Parameter
Conditions
Min
Typ
Max Unit
VDD
supply voltage
3.0
5.0
5.5
V
VDD(TVDD) TVDD supply voltage
[1]
3.0
5.0
5.5
V
VDD(PVDD) PVDD supply voltage
all host interfaces
[2]
3.0
3.3
5.5
V
Tj(max)
maximum junction
temperature
-
-
-
+125 °C
Tamb
operating ambient
temperature
in still air with exposed pin soldered on a 4 layer
JEDEC PCB
-25
+25
+85
°C
Tstg
storage temperature
no supply voltage applied, relative humidity 45..
.75%
-45
+25
+125 °C
Table 250. Operating conditions CLRC66301, CLRC66302
[1]
VDD(PVDD) must always be the same or lower than VDD.
[2]
A PVDD voltage higher than 5.0 V might lead to an increased current consumption during Power-down mode
Symbol
Parameter
Conditions
Min
Typ
Max Unit
VDD
supply voltage
2.5
5.0
5.5
V
VDD(TVDD) TVDD supply voltage
[1]
2.5
5.0
5.5
V
all host interfaces except I2C interface
[2]
2.5
5.0
5.5
V
VDD(PVDD) PVDD supply voltage
all host interfaces incl. I2C interface
[2]
3.0
5.0
5.5
V
Tj(max)
maximum junction
temperature
-
-
-
+125 °C
HVQFN32 package, in still air with exposed
pin soldered on a 4 layer JEDEC PCB
-40
+25
+105 °C
Tamb
operating ambient
temperature
VFBGA36 package, in still air with exposed
pin soldered on a 4 layer JEDEC PCB
-40
+25
+85
°C
Tstg
storage temperature
no supply voltage applied, relative humidity
45...75%
-45
+25
+125 °C
Table 251. Operating conditions CLRC66303
[1]
VDD(PVDD) must always be the same or lower than VDD.
[2]
A PVDD voltage higher than 5.0 V might lead to an increased current consumption during Power-down mode
CLRC663
All information provided in this document is subject to legal disclaimers.
© 2024 NXP B.V. All rights reserved.
Product data sheet
Rev. 5.3 — 3 January 2024
116 / 177



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com