Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

511820003 Datasheet(PDF) 8 Page - OSRAM GmbH

Part # 511820003
Description  1.3 MP NIR Enhanced Global Shutter CMOS Image Sensor
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

511820003 Datasheet(HTML) 8 Page - OSRAM GmbH

Back Button 511820003 Datasheet HTML 4Page - OSRAM GmbH 511820003 Datasheet HTML 5Page - OSRAM GmbH 511820003 Datasheet HTML 6Page - OSRAM GmbH 511820003 Datasheet HTML 7Page - OSRAM GmbH 511820003 Datasheet HTML 8Page - OSRAM GmbH 511820003 Datasheet HTML 9Page - OSRAM GmbH 511820003 Datasheet HTML 10Page - OSRAM GmbH 511820003 Datasheet HTML 11Page - OSRAM GmbH 511820003 Datasheet HTML 12Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 52 page
background image
Document Feedback
Mira130
Packaging Information
Datasheet
• PUBLIC
DS000715
• v6-00 • 2023-Aug-09
51
│ 7
3.1.2
Mira130 Pad Description
Figure 4:
Pad Description of Mira130 Die
Pad #
Pad Name
X-Axis
Y-Axis
Pin Type
Description
1
AVDD
-1791.5
1809
Power
2.5 V Analog Power Supply
2
AVDD
-1791.5
1688.4
Power
2.5 V Analog Power Supply
3
AGND
-1791.5
1567.8
GND
Analog Ground
4
ATM
-1791.5
1447.2
-
NC
5
DVDD
-1791.5
1326.6
Power
1.2 V Digital Power Supply
6
DVDD
-1791.5
1206
Power
1.2 V Digital Power Supply
7
DOGND
-1791.5
1085.4
GND
I/O Ground
8
DOGND
-1791.5
964.8
GND
I/O Ground
9
TRIGL/FSYNC
-1791.5
844.2
Input/
Output
External Triggering of HDR Long
Exposure/SYNC
10
LEDSTROBE
-1791.5
723.6
Output
LED STROBE Signal
11
XSHUTDOWN
-1791.5
603
Input
XSHUTDOWN Signal Input (internal pull-
up, active low)
12
TM
-1791.5
482.4
Input
Connect to the DOGND pin
13
AGND
-1791.5
361.8
GND
Analog Ground
14
AVDD
-1791.5
241.2
Power
2.5 V Analog Power Supply
15
TRIGS
-1791.5
120.6
Input
External Triggering of HDR Short
Exposure
16
GPIO
-1791.5
0
-
NC
17
DOVDD
-1791.5
-120.6
Power
1.8 V I/O Power Supply
18
DOGND
-1791.5
-241.2
GND
I/O GROUND
19
AVDD
-1791.5
-361.8
Power
2.5 V Analog Power Supply
20
NC
-1791.5
-482.4
-
NC
21
VREFH
-1791.5
-603
Output
Internal Reference Voltage (connect an
external capacitor to the AGND pin)
22
NC
-1791.5
-723.6
-
NC
23
AVDD
-1791.5
-844.2
Power
2.5 V Analog Power Supply
24
AGND
-1791.5
-964.8
GND
Analog Ground
25
AGND
-1791.5
-1085.4
GND
Analog Ground
26
VREFN
-1791.5
-1206
Output
Internal Reference Voltage (connect an
external capacitor to the AGND pin)
27
VREFN1
-1791.5
-1326.6
Output
Internal Reference Voltage (connect an
external capacitor to the AGND pin)
28
GS_VREF
-1791.5
-1447.2
Output
Internal Reference Voltage (connect an
external capacitor to the AGND pin)
29
AVDD
-1791.5
-1567.8
Power
2.5 V Analog Power Supply
30
DVDD
-1791.5
-1688.4
Power
1.2 V Digital Power Supply
31
DOGND
-1791.5
-1809
GND
I/O GROUND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com