Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

511820003 Datasheet(PDF) 9 Page - OSRAM GmbH

Part # 511820003
Description  1.3 MP NIR Enhanced Global Shutter CMOS Image Sensor
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

511820003 Datasheet(HTML) 9 Page - OSRAM GmbH

Back Button 511820003 Datasheet HTML 5Page - OSRAM GmbH 511820003 Datasheet HTML 6Page - OSRAM GmbH 511820003 Datasheet HTML 7Page - OSRAM GmbH 511820003 Datasheet HTML 8Page - OSRAM GmbH 511820003 Datasheet HTML 9Page - OSRAM GmbH 511820003 Datasheet HTML 10Page - OSRAM GmbH 511820003 Datasheet HTML 11Page - OSRAM GmbH 511820003 Datasheet HTML 12Page - OSRAM GmbH 511820003 Datasheet HTML 13Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 52 page
background image
Document Feedback
Mira130
Packaging Information
Datasheet
• PUBLIC
DS000715
• v6-00 • 2023-Aug-09
51
│ 8
Pad #
Pad Name
X-Axis
Y-Axis
Pin Type
Description
32
DOGND
1791.5
-1809
GND
I/O GROUND
33
DVDD
1791.5
-1688.4
Power
1.2 V Digital Power Supply
34
MD3P
1791.5
-1567.8
Output
MIPI Data 3 Positive
35
MD3N
1791.5
-1447.2
Output
MIPI Data 3 Negative
36
DOGND
1791.5
-1326.6
GND
I/O GROUND
37
MD1P
1791.5
-1206
Output
MIPI Data 1 Positive
38
MD1N
1791.5
-1085.4
Output
MIPI Data 1 Negative
39
DVDD
1791.5
-964.8
Power
1.2 V Digital Power Supply
40
MCP
1791.5
-844.2
Output
MIPI Clock Positive
41
MCN
1791.5
-723.6
Output
MIPI Clock Negative
42
DOGND
1791.5
-603
GND
I/O Ground
43
DOGND
1791.5
-482.4
GND
I/O Ground
44
DOVDD
1791.5
-361.8
Power
1.8 V I/O Power Supply
45
DVDD
1791.5
-241.2
Power
1.2 V Digital Power Supply
46
MD0P
1791.5
-120.6
Output
MIPI Data 0 Positive
47
MD0N
1791.5
0
Output
MIPI Data 0 Negative
48
DOGND
1791.5
120.6
GND
I/O Ground
49
MD2P
1791.5
241.2
Output
MIPI Data 2 Positive
50
MD2N
1791.5
361.8
Output
MIPI Data 2 Negative
51
DVDD
1791.5
482.4
Power
1.2 V Digital Power Supply
52
DOVDD
1791.5
603
Power
1.8 V I/O Power Supply
53
SDA
1791.5
723.6
Input/Output
I²C Data Line (open drain)
54
DOGND
1791.5
844.2
GND
I/O Ground
55
SCL
1791.5
964.8
Input
I²C Clock
56
EXTCLK
1791.5
1085.4
Input
Clock Input
57
SID0
1791.5
1206
Input
I²C Device ID 0
58
SID1
1791.5
1326.6
Input
I²C Device ID 1
59
DVDD
1791.5
1447.2
Power
1.2 V Digital Power Supply
60
DOGND
1791.5
1567.8
GND
I/O Ground
61
AGND
1791.5
1688.4
GND
Analog Ground
62
AVDD
1791.5
1809
Power
2.5 V Analog Power Supply
(1)
All pads bonding area is 70 µm x 70 µm. Units are in µm.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com