Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

511820003 Datasheet(PDF) 4 Page - OSRAM GmbH

Part # 511820003
Description  1.3 MP NIR Enhanced Global Shutter CMOS Image Sensor
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

511820003 Datasheet(HTML) 4 Page - OSRAM GmbH

  511820003 Datasheet HTML 1Page - OSRAM GmbH 511820003 Datasheet HTML 2Page - OSRAM GmbH 511820003 Datasheet HTML 3Page - OSRAM GmbH 511820003 Datasheet HTML 4Page - OSRAM GmbH 511820003 Datasheet HTML 5Page - OSRAM GmbH 511820003 Datasheet HTML 6Page - OSRAM GmbH 511820003 Datasheet HTML 7Page - OSRAM GmbH 511820003 Datasheet HTML 8Page - OSRAM GmbH 511820003 Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 52 page
background image
Document Feedback
Mira130
General Description
Datasheet
• PUBLIC
DS000715
• v6-00 • 2023-Aug-09
51
│ 3
1
General Description
Mira130 is a global shutter CMOS image sensor with NIR enhancement of the QE. It outputs
monochrome images with an effective pixel array of 1080 H × 1280 V, and supports complex on-chip
operations such as high dynamic range (HDR) mode, external triggering, windowing, horizontal or
vertical mirroring. Its maximum frame rate is 120 fps at a full image resolution. On-chip registers can
be accessed via the standard I²C interface.
1.1
Key Benefits & Features
Figure 1:
Mira130 Key Benefits
Benefits
Features
State-of-the-art NIR performance
56% QE at 850 nm, 36% QE at 940 nm
HDR mode provides > 100 dB DR
In-pixel HDR mechanism
Motion blur robustness
Global shutter pixel
Standard camera interface
MIPI CSI-2 / D-PHY
High speed
Up to 120 fps @ 10-bit data
Optimized for size constrained applications
1.3 MP with 2.7
μm pixels
1.2
Other Features
●
Support external triggering and multiple sensors synchronization
●
Binning mode for increased full well charge
●
AEC/AGC, minimum exposure time less than 1 line
●
LED strobe
●
Horizontal and vertical windowing
●
28x analog gain, and 32x digital gain
●
High sensitivity
●
Programmable registers through I²C
●
Low power consumption
●
Build-in temperature sensor



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com