Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

511820003 Datasheet(PDF) 12 Page - OSRAM GmbH

Part # 511820003
Description  1.3 MP NIR Enhanced Global Shutter CMOS Image Sensor
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

511820003 Datasheet(HTML) 12 Page - OSRAM GmbH

Back Button 511820003 Datasheet HTML 8Page - OSRAM GmbH 511820003 Datasheet HTML 9Page - OSRAM GmbH 511820003 Datasheet HTML 10Page - OSRAM GmbH 511820003 Datasheet HTML 11Page - OSRAM GmbH 511820003 Datasheet HTML 12Page - OSRAM GmbH 511820003 Datasheet HTML 13Page - OSRAM GmbH 511820003 Datasheet HTML 14Page - OSRAM GmbH 511820003 Datasheet HTML 15Page - OSRAM GmbH 511820003 Datasheet HTML 16Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 52 page
background image
Document Feedback
Mira130
Packaging Information
Datasheet
• PUBLIC
DS000715
• v6-00 • 2023-Aug-09
51
│ 11
Pad #
Pad Name
Pin Type
Description
12
FSYNC
Input/Output
Frame synchronization signal
13
LEDSTROBE
Output
LED STROBE Signal
14
XSHUTDN
Input
XSHUTDN Signal Input (internal pull-up, active low)
15
DOVDD
Power
1.8 V I/O Power Supply
16
AVDD
Power
2.5 V Analog Power Supply
17
VREFH
Output
Internal Reference Voltage (connect an external
capacitor to the AGND pin)
18
VREFN
Output
Internal Reference Voltage (connect an external
capacitor to the AGND pin)
19
GS_VREF
Output
Internal Reference Voltage (connect an external
capacitor to the AGND pin)
20
DOGND
GND
I/O Ground
21
MD3P
Output
MIPI Data 3 Positive
22
MD3N
Output
MIPI Data 3 Negative
23
MD1P
Output
MIPI Data 1 Positive
24
MD1N
Output
MIPI Data 1 Negative
25
MCP
Output
MIPI Clock Positive
26
MCN
Output
MIPI Clock Negative
27
MD0P
Output
MIPI Data 0 Positive
28
MD0N
Output.
MIPI Data 0 Negative



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com