Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

511820003 Datasheet(PDF) 31 Page - OSRAM GmbH

Part # 511820003
Description  1.3 MP NIR Enhanced Global Shutter CMOS Image Sensor
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

511820003 Datasheet(HTML) 31 Page - OSRAM GmbH

Back Button 511820003 Datasheet HTML 27Page - OSRAM GmbH 511820003 Datasheet HTML 28Page - OSRAM GmbH 511820003 Datasheet HTML 29Page - OSRAM GmbH 511820003 Datasheet HTML 30Page - OSRAM GmbH 511820003 Datasheet HTML 31Page - OSRAM GmbH 511820003 Datasheet HTML 32Page - OSRAM GmbH 511820003 Datasheet HTML 33Page - OSRAM GmbH 511820003 Datasheet HTML 34Page - OSRAM GmbH 511820003 Datasheet HTML 35Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 52 page
background image
Document Feedback
Mira130
Functional Description
Datasheet
• PUBLIC
DS000715
• v6-00 • 2023-Aug-09
51
│ 30
Figure 33:
MIPI Data Packet DI Structure
Other useful MIPI control registers can be found below.
Figure 34:
MIPI Control Registers
Function
Address
Default Value
Description
MIPI lane number
16’h3018
8
’h72
Bit[7:5]: MIPI lane number
3’h0: 1-lane mode
3’h1: 2-lane mode
3’h3: 4-lane mode
MIPI output data mode
16’h3031
8
’h0a
Bit[3:0]: MIPI bit mode
4’h8: Raw8 mode
4’hc: Raw12 mode
Others: Raw10 mode
PHY data mode
16
’h3037
8
’h00
Bit[6:5]: PHY bit mode
2’h0: 8-bit mode
2’h1: 10-bit mode
2’h2: 12-bit mode
MIPI clock setting
16’h303f
8
’h01
Bit[7]: pclk sel
1’h0: sel pll_pclk
MIPI driving
16’h3651
8
’h7d
Bit[3:0]: MIPI
driving capability, the default value is 4’hd
MIPI Lane 0 delay
16’h3652
8
’h00
Bit[3]: Lane 0 invert, the default value is
1’h0
Bit[2:0]: Delay of lane 0 equals to the value of bit[2:0] ×
40 ps, the default value is
3’h0
MIPI Lane 1 delay
16’h3652
8
’h00
Bit[7]: Lane 1 invert, the default value is
1’h0
Bit[6:4]: Delay of lane 1 equals to the value of bit[6:4] ×
40 ps, the default value is
3’h0
MIPI Lane 2 delay
16’h3653
8
’h00
Bit[3]: Lane 2 invert, the default value is
1’h0
Bit[2:0]: Delay of lane 2 equals to the value of bit[2:0] ×
40 ps, the default value is
3’h0
MIPI Lane 3 delay
16’h3653
8
’h00
Bit[7]: Lane 3 invert, the default value is
1’h0
Bit[6:4]: Delay of lane 3 equals to the value of bit[6:4] ×
40 ps, the default value is
3’h0
MIPI Clock delay
16’h3654
8
’h00
Bit[3]: Clock invert, the default value is
1’h0
Bit [2:0]: Delay of MIPI clock equals to the value of bit
[2:0] × 40 ps. The default value is
3’h0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com