Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

511820003 Datasheet(PDF) 27 Page - OSRAM GmbH

Part # 511820003
Description  1.3 MP NIR Enhanced Global Shutter CMOS Image Sensor
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

511820003 Datasheet(HTML) 27 Page - OSRAM GmbH

Back Button 511820003 Datasheet HTML 23Page - OSRAM GmbH 511820003 Datasheet HTML 24Page - OSRAM GmbH 511820003 Datasheet HTML 25Page - OSRAM GmbH 511820003 Datasheet HTML 26Page - OSRAM GmbH 511820003 Datasheet HTML 27Page - OSRAM GmbH 511820003 Datasheet HTML 28Page - OSRAM GmbH 511820003 Datasheet HTML 29Page - OSRAM GmbH 511820003 Datasheet HTML 30Page - OSRAM GmbH 511820003 Datasheet HTML 31Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 52 page
background image
Document Feedback
Mira130
Functional Description
Datasheet
• PUBLIC
DS000715
• v6-00 • 2023-Aug-09
51
│ 26
Figure 25:
I²C Interface Timing
(1)
I²C interface timing is based on a 400 kHz mode.
(2)
The beginning of a rising edge and the end of a falling edge are at 10% of the amplitude of the signal. The end of a
rising edge and the beginning of a falling edge are at 90% of the amplitude of the signal.
Figure 26:
I²C Interface Timing Parameter
Symbol
Parameter
Min
Typical
Max
Unit
fI2C
Clock frequency
—
—
400
kHz
tlow
Clock low period
1.3
—
—
μs
thigh
Clock high period
0.6
—
—
μs
tsl2dov
SCL low to data out valid
0.1
—
0.9
μs
tbusft
Bus free time before new
start
1.3
—
—
μs
tscht
Start condition hold time
0.6
—
—
μs
tscst0
Start condition setup time
0.6
—
—
μs
tdiht
Data in hold time
0
—
—
μs
tdist
Data in setup time
0.1
—
—
μs
tscst1
Stop condition setup time
0.6
—
—
μs
tr
Rise time
—
—
0.3
μs
tf
Fall time
—
—
0.3
μs
tdoht
Data out hold time
0.05
—
—
μs
SCL
SDA(IN)
SDA(OUT)
tf
thigh
tr
tlow
tscst0
tscht
tdist
tscst1
tbusft
tsl2dov
tdoht
tdiht



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com