Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

511820003 Datasheet(PDF) 33 Page - OSRAM GmbH

Part # 511820003
Description  1.3 MP NIR Enhanced Global Shutter CMOS Image Sensor
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

511820003 Datasheet(HTML) 33 Page - OSRAM GmbH

Back Button 511820003 Datasheet HTML 29Page - OSRAM GmbH 511820003 Datasheet HTML 30Page - OSRAM GmbH 511820003 Datasheet HTML 31Page - OSRAM GmbH 511820003 Datasheet HTML 32Page - OSRAM GmbH 511820003 Datasheet HTML 33Page - OSRAM GmbH 511820003 Datasheet HTML 34Page - OSRAM GmbH 511820003 Datasheet HTML 35Page - OSRAM GmbH 511820003 Datasheet HTML 36Page - OSRAM GmbH 511820003 Datasheet HTML 37Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 52 page
background image
Document Feedback
Mira130
Sensor Operation
Datasheet
• PUBLIC
DS000715
• v6-00 • 2023-Aug-09
51
│ 32
9
Sensor Operation
9.1
Illumination Trigger
Mira130 supports an illumination strobe feature and can be used to control a light source (LED or
VCSEL). During exposure, the LEDSTROBE pin outputs a logic level ‘high’ to enable an external
illumination.
Figure 36:
Illumination Strobe Control Register
Function
Address
Default Value
Description
Illumination strobe enable
16’h3361
8’h00
Bit[7:6]: LED strobe enable
2’b11: LED strobe disable
2’b00: LED strobe enable
9.2
External Triggering Mode
In external triggering mode, the exposure and data output of multiple sensors are synchronized by an
external triggering signal applied on the TRIGL pin. When the rising edge of the signal is detected, the
chip starts exposure after a short delay, and outputs data after completing exposure. The short delay
is determined by register 16’h3226, and the exposure time is determined by registers {16’h3e00[3:0],
16’h3e01,16’h3e02}. The frame rate is determined by the signal. Figure 37 shows the timing diagram
of external triggering mode which consists of the following time intervals: EXP Rows, Active Rows,
and Blank Rows.
Figure 37:
External Triggering Global Shutter Mode Timing Diagram
(1)
EXP Rows = {16’h3e00[3:0], 16’h3e01, 16’h3e02[7:4]} + 16’h3226, in the unit of line.
time
frame valid
TRIG
start exposure
end of frame N
start exposure
start of frame N
start of frame N+1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com