Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

511820003 Datasheet(PDF) 17 Page - OSRAM GmbH

Part # 511820003
Description  1.3 MP NIR Enhanced Global Shutter CMOS Image Sensor
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

511820003 Datasheet(HTML) 17 Page - OSRAM GmbH

Back Button 511820003 Datasheet HTML 13Page - OSRAM GmbH 511820003 Datasheet HTML 14Page - OSRAM GmbH 511820003 Datasheet HTML 15Page - OSRAM GmbH 511820003 Datasheet HTML 16Page - OSRAM GmbH 511820003 Datasheet HTML 17Page - OSRAM GmbH 511820003 Datasheet HTML 18Page - OSRAM GmbH 511820003 Datasheet HTML 19Page - OSRAM GmbH 511820003 Datasheet HTML 20Page - OSRAM GmbH 511820003 Datasheet HTML 21Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 52 page
background image
Document Feedback
Mira130
Absolute Maximum Ratings
Datasheet
• PUBLIC
DS000715
• v6-00 • 2023-Aug-09
51
│ 16
5
Absolute Maximum Ratings
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the
device. These are stress ratings only. Functional operation of the device at these or any other conditions
beyond those indicated under “Operating Conditions” is not implied. Exposure to absolute maximum
rating conditions for extended periods may affect device reliability.
Figure 12:
Absolute Maximum Ratings of Mira130
Symbol
Parameter
Min
Max
Unit
Comments
Electrical Parameters
VAVDD
Analog Supply Voltage
-0.3
3.0
V
VDOVDD
I/O Supply Voltage
-0.3
2.2
V
VDVDD
Digital Supply Voltage
-0.3
1.4
V
I/O Input Voltage
-0.3
VDOVDD + 0.3
V
I/O Output Voltage
-0.3
VDOVDD + 0.3
V
ISCR
Input Current (latch-up immunity)
± 200
mA
JEDEC JESD78E Nov
2016
Electrostatic Discharge
ESDHBM
Electrostatic Discharge HBM
± 3.5
kV
MIL-STD-883J Method
3015.9
ESDCDM
Electrostatic Discharge CDM
± 250
V
C1=200pF
ANSI/ESDA/JEDEC JS-
002-2014
Temperature Ranges and Storage Conditions
TA
Operating Ambient Temperature
-30
80
°C
TSPEC
Operating Temperature Spec
-20
60
°C
Best performance(1)
TJ
Operating Junction Temperature
-25
85
°C
TSTRG_WAF
Storage Temperature Range
Wafer
20
30
°C
tSTRG_WAF
Storage Time Wafer
6
months
RHNC_WAF
Relative Humidity (non-
condensing) Wafer
30
%
N2 Wafer Stocker
condition(2)
MSLDIE
Moisture Sensitivity Level bare
die
N/A
(1)
Ideal temperature range for best performance
(2)
Die and wafers, when in storage, should be stored at temperature between 20 °C and 30 °C, relative humidity of less
than 30%, and in clean, dry, inert atmosphere (e.g. Nitrogen) or in a vacuum sealed bag.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com