Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

511820003 Datasheet(PDF) 32 Page - OSRAM GmbH

Part # 511820003
Description  1.3 MP NIR Enhanced Global Shutter CMOS Image Sensor
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

511820003 Datasheet(HTML) 32 Page - OSRAM GmbH

Back Button 511820003 Datasheet HTML 28Page - OSRAM GmbH 511820003 Datasheet HTML 29Page - OSRAM GmbH 511820003 Datasheet HTML 30Page - OSRAM GmbH 511820003 Datasheet HTML 31Page - OSRAM GmbH 511820003 Datasheet HTML 32Page - OSRAM GmbH 511820003 Datasheet HTML 33Page - OSRAM GmbH 511820003 Datasheet HTML 34Page - OSRAM GmbH 511820003 Datasheet HTML 35Page - OSRAM GmbH 511820003 Datasheet HTML 36Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 52 page
background image
Document Feedback
Mira130
Functional Description
Datasheet
• PUBLIC
DS000715
• v6-00 • 2023-Aug-09
51
│ 31
8.5
On-Chip PLL
The input clock frequency (FEXTCLK) of the phase locked loop (PLL) module ranges from 6 MHz to
27 MHz, while the VCO output frequency (FVCO) ranges from 400 MHz to 1200 MHz. The system clock
frequency FSYSCLK is obtained by dividing FVCO.
Figure 35 shows the PLL block diagram implemented on Mira130.
Figure 35:
PLL Block Diagram
8.5.1
Default Configurations and Clock Speeds
By default we provide some configuration files with predefined resolutions, framerates mipi lanes and
clock speeds. Contact your ams OSRAM application engineer for more information.
A typical configuration file is named according to the following example:
●
AMS_Trig_Mira130_4lane_800Mbps_24Minput_120fps_1080x1280.ini
From the filename, one can deviate the mipi clock speed (800Mbps x 4 lanes) with 24M main clock.
Generally, 24M MCLK corresponds to a Systemclk of 108M, 27M MCLK corresponds to a Systemclk
of 121.5M.
To calculate the internal pixel clock (TPCLK), the formula below applies:
pixel clock [MHz]=mipiclk [Mbps] / bit width * lane num
Pre_Divider
Divider
PFD
LPF
VCO
F
EX TCLK
FREFCLK
Divider
FVCO
FSYSCLK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com