Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

511820003 Datasheet(PDF) 18 Page - OSRAM GmbH

Part # 511820003
Description  1.3 MP NIR Enhanced Global Shutter CMOS Image Sensor
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

511820003 Datasheet(HTML) 18 Page - OSRAM GmbH

Back Button 511820003 Datasheet HTML 14Page - OSRAM GmbH 511820003 Datasheet HTML 15Page - OSRAM GmbH 511820003 Datasheet HTML 16Page - OSRAM GmbH 511820003 Datasheet HTML 17Page - OSRAM GmbH 511820003 Datasheet HTML 18Page - OSRAM GmbH 511820003 Datasheet HTML 19Page - OSRAM GmbH 511820003 Datasheet HTML 20Page - OSRAM GmbH 511820003 Datasheet HTML 21Page - OSRAM GmbH 511820003 Datasheet HTML 22Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 52 page
background image
Document Feedback
Mira130
Electrical Characteristics
Datasheet
• PUBLIC
DS000715
• v6-00 • 2023-Aug-09
51
│ 17
6
Electrical Characteristics
All limits are guaranteed. The parameters with Min and Max values are guaranteed with production tests
or SQC (Statistical Quality Control) methods.
Figure 13:
DC Electrical Characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Power Supplies
VAVDD
Analog supply voltage
2.4
2.5
2.6
V
VDOVDD
I/O supply voltage
1.7
1.8
1.9
V
VDVDD
Digital supply voltage
1.14
1.2
1.26
V
IAVDD
Analog supply current
@120 fps
-
23(1)
mA
IDOVDD
I/O supply current
@120 fps
-
0.5(1)
mA
IDVDD
Digital supply current
@120 fps
-
49(1)
mA
Ptot
Total power
consumption
@120 fps
-
117(1)
mW
IAVDD
Analog supply current
@60 fps
-
23(1)
mA
IDOVDD
I/O supply current
@60 fps
-
0.5(1)
mA
IDVDD
Digital supply current
@60 fps
-
33(1)
mA
Ptot
Total power
consumption
@60 fps
-
97.14(1)
mW
Digital Input (Reference: AVDD = 2.5 V, DOVDD = 1.8 V)
VIL
Input low level
-
-
0.3 x VDOVDD
V
VIH
Input high level
0.7 x VDOVDD
-
-
V
CIN
Input capacitor
-
-
10
pF
Digital Output (25 pF standard load)
VOH
Output high level
0.9 x VDOVDD
-
-
V
VOL
Output low level
-
-
0.1 x VDOVDD
V
Serial Interface Input (SCL and SDA)
VIL
Input low level
-0.5
0
0.3 x VDOVDD
V
VIH
Input high level
0.7 x VDOVDD
VDOVDD
VDOVDD + 0.5
V
(1)
Condition:MIPI:4lane_607.5 Mbit/s, Bit width:10-bit, Resolution:1080x1280



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com