Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

511820003 Datasheet(PDF) 23 Page - OSRAM GmbH

Part # 511820003
Description  1.3 MP NIR Enhanced Global Shutter CMOS Image Sensor
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

511820003 Datasheet(HTML) 23 Page - OSRAM GmbH

Back Button 511820003 Datasheet HTML 19Page - OSRAM GmbH 511820003 Datasheet HTML 20Page - OSRAM GmbH 511820003 Datasheet HTML 21Page - OSRAM GmbH 511820003 Datasheet HTML 22Page - OSRAM GmbH 511820003 Datasheet HTML 23Page - OSRAM GmbH 511820003 Datasheet HTML 24Page - OSRAM GmbH 511820003 Datasheet HTML 25Page - OSRAM GmbH 511820003 Datasheet HTML 26Page - OSRAM GmbH 511820003 Datasheet HTML 27Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 52 page
background image
Document Feedback
Mira130
Functional Description
Datasheet
• PUBLIC
DS000715
• v6-00 • 2023-Aug-09
51
│ 22
8
Functional Description
8.1
Chip Description
8.1.1
Power-On Sequence
With an external supply of 1.2 V to DVDD, the following power-on sequence is required:
Figure 19:
Power-Up Sequence
(1)
T1 > 0 ms, T2 > 1 ms, T3 > 2 ms, T4 > 2 ms
8.1.2
I/O Pins Power-On Status
Figure 20:
Pins Power-On Status
Pin Name
Built-In
Pull-Up/Pull-Down
Power Stable and
XSHUTDOWN Low
XSHUTDOWN High
TRIGS
No
High-Z
Low
FSYNC
No
High-Z
Low
LED STROBE
No
High-Z
Low
GPIO
No
High-Z
Low
DOVDD
DVDD
XSHUTDN
I
2C
T1
I
2C activity is ready
AVDD
cut off power
T3
T4
T2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com