Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

511820003 Datasheet(PDF) 44 Page - OSRAM GmbH

Part # 511820003
Description  1.3 MP NIR Enhanced Global Shutter CMOS Image Sensor
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

511820003 Datasheet(HTML) 44 Page - OSRAM GmbH

Back Button 511820003 Datasheet HTML 40Page - OSRAM GmbH 511820003 Datasheet HTML 41Page - OSRAM GmbH 511820003 Datasheet HTML 42Page - OSRAM GmbH 511820003 Datasheet HTML 43Page - OSRAM GmbH 511820003 Datasheet HTML 44Page - OSRAM GmbH 511820003 Datasheet HTML 45Page - OSRAM GmbH 511820003 Datasheet HTML 46Page - OSRAM GmbH 511820003 Datasheet HTML 47Page - OSRAM GmbH 511820003 Datasheet HTML 48Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 52 page
background image
Document Feedback
Mira130
Sensor Operation
Datasheet
• PUBLIC
DS000715
• v6-00 • 2023-Aug-09
51
│ 43
9.6
HDR Calibration
In order to enhance image quality, this chip supports a HDR calibration (HDRC) feature which can
eliminate image noise as a result of using HDR mode. When HDRC is enabled, one more frame named
HDR point is read, so the readout time is doubled. Also, there is no exposure during reading when
HDRC is enabled. The frame rate is determined by both the exposure time (texp) and image reading time
(tread). For example, if the frame rate is 30 fps under HDR mode (i.e. one frame lasts for 33.33 ms), and
tread is 11.11 ms (according to 90 fps), the maximum exposure time is 33.33 ms - 2*tread - 11.11 ms.
Figure 49:
HDRC Control Registers
Function
Register
Default Value
Description
HDR point read enable
16’h3222
8
’h00
Bit[5:4]: HDR point
2’b00: HDR point not read
2’b11: HDR point read
HDRC enable
16’h5001
8
’h00
Bit[3]: HDRC feature
1
’b0: Enable
1’b1: Disable
9.7
Temperature Sensor
The instantaneous temperature of this chip can be measured by an integrated temperature sensor and
is stored in a register for reading. The unit is Kelvin, and the accuracy is 0.25 K.
Figure 50:
Temperature Sensor Control Register
Function
Register
Default Value
Description
Chip temperature
{16’h4c10, 16’h4c11[2:0]}
Read only
Temp [10:0]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com