Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

511820003 Datasheet(PDF) 25 Page - OSRAM GmbH

Part # 511820003
Description  1.3 MP NIR Enhanced Global Shutter CMOS Image Sensor
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

511820003 Datasheet(HTML) 25 Page - OSRAM GmbH

Back Button 511820003 Datasheet HTML 21Page - OSRAM GmbH 511820003 Datasheet HTML 22Page - OSRAM GmbH 511820003 Datasheet HTML 23Page - OSRAM GmbH 511820003 Datasheet HTML 24Page - OSRAM GmbH 511820003 Datasheet HTML 25Page - OSRAM GmbH 511820003 Datasheet HTML 26Page - OSRAM GmbH 511820003 Datasheet HTML 27Page - OSRAM GmbH 511820003 Datasheet HTML 28Page - OSRAM GmbH 511820003 Datasheet HTML 29Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 52 page
background image
Document Feedback
Mira130
Functional Description
Datasheet
• PUBLIC
DS000715
• v6-00 • 2023-Aug-09
51
│ 24
8.2
Configuration Interface
The on-chip registers can be read and written through the standard I²C interface. The device address
of the I²C interface is determined by the SID0 and SID1 pins as shown in Figure 23.
Figure 23:
I²C Bus Device Address Control
7-bit I²C Bus Device Address
SID0
SID1
7
’h30
Low
Low
7
’h31
High
Low
7
’h32
Low
High
7
’h33
High
High
In the example below, the first line below shows a standard I²C communication protocol for 7-bit slave
address, 16-bit sub address and 8-bit data. The slave address is the I²C bus device address, which is
7-bit. The R/W bit is either 1 for read or 0 for write. The 2 sub address bytes are the high byte and low
byte of the 16-bit address of the register to be accessed.
The second line in the example shows a write operation.
The third line shows a read operation. A dummy write operation is required to set the sub address (i.e.
register address) before the read operation.
Information
16-bit register address, 8-bit data, 7-bit device address



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com