Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

511820003 Datasheet(PDF) 45 Page - OSRAM GmbH

Part # 511820003
Description  1.3 MP NIR Enhanced Global Shutter CMOS Image Sensor
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

511820003 Datasheet(HTML) 45 Page - OSRAM GmbH

Back Button 511820003 Datasheet HTML 41Page - OSRAM GmbH 511820003 Datasheet HTML 42Page - OSRAM GmbH 511820003 Datasheet HTML 43Page - OSRAM GmbH 511820003 Datasheet HTML 44Page - OSRAM GmbH 511820003 Datasheet HTML 45Page - OSRAM GmbH 511820003 Datasheet HTML 46Page - OSRAM GmbH 511820003 Datasheet HTML 47Page - OSRAM GmbH 511820003 Datasheet HTML 48Page - OSRAM GmbH 511820003 Datasheet HTML 49Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 52 page
background image
Document Feedback
Mira130
Sensor Operation
Datasheet
• PUBLIC
DS000715
• v6-00 • 2023-Aug-09
51
│ 44
9.8
Video Output Mode
9.8.1
Read Order
Figure 51 provides the first read pixel location as well as the entire array structure diagram.
Figure 51:
Mira130 Pixel Array
Mira130 supports mirror mode and flip mode. Mirror mode reverses the sensor data readout order, and
flip mode vertically reverses the sensor readout order (as shown in Figure 52). The registers that control
these operations are shown in Figure 53.
Figure 52:
Mirror & Flip Examples
Active Border (4 rows)
Active Border (4 rows)
Pixel Size: 2.7 μm x 2.7 μm
Active Array
1080H x 1280V
First Pixel (0, 0)
Original Picture
Mirror
Flip
Mirror and Flip



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com