Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

511820003 Datasheet(PDF) 11 Page - OSRAM GmbH

Part # 511820003
Description  1.3 MP NIR Enhanced Global Shutter CMOS Image Sensor
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

511820003 Datasheet(HTML) 11 Page - OSRAM GmbH

Back Button 511820003 Datasheet HTML 7Page - OSRAM GmbH 511820003 Datasheet HTML 8Page - OSRAM GmbH 511820003 Datasheet HTML 9Page - OSRAM GmbH 511820003 Datasheet HTML 10Page - OSRAM GmbH 511820003 Datasheet HTML 11Page - OSRAM GmbH 511820003 Datasheet HTML 12Page - OSRAM GmbH 511820003 Datasheet HTML 13Page - OSRAM GmbH 511820003 Datasheet HTML 14Page - OSRAM GmbH 511820003 Datasheet HTML 15Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 52 page
background image
Document Feedback
Mira130
Packaging Information
Datasheet
• PUBLIC
DS000715
• v6-00 • 2023-Aug-09
51
│ 10
3.2.2
Solder Characteristic
On the PLCC the package reference temperature curve and timings reference to table in Figure 6.
Figure 6:
Temperature Curve and Timing Settings
Temperature Curve
Temperature Curve Parameter
Settings
1.
Preliminary heating zone T
30°~150° for 90~150 s
2.
Warming Zone T 1
50°~180° for 90~120 s
3.
Reflow Zone T
217° for 40~60 s
4.
Support Max. Reflow
Temperature 260° for 5 s
3.2.3
PLCC Pin Information
Pin description for the PLCC in shown in Figure 7 below.
Figure 7:
Mira130-1QM2PP PLCC Package Pin Description
Pad #
Pad Name
Pin Type
Description
1
MD2P
Output
MIPI.Data.2 Positive
2
MD2N
Output
MIPI Data 2 Negative
3
SCL
Input
I²C Clock
4
SDA
Input/Output
I²C Data Line (open drain)
5
SID0
Input
I²C Device ID 0
6
EXTCLK
Input
Clock Input
7
SID1
Input
I²C Device ID 1
8
AVDD
Power
2.5V Analog Power Supply
9
AGND
GND Analog
GND
10
DVDD
Power
1.2V Digital Power Supply
11
DOGND
GND
I/O Ground



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com