Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

511820003 Datasheet(PDF) 16 Page - OSRAM GmbH

Part # 511820003
Description  1.3 MP NIR Enhanced Global Shutter CMOS Image Sensor
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

511820003 Datasheet(HTML) 16 Page - OSRAM GmbH

Back Button 511820003 Datasheet HTML 12Page - OSRAM GmbH 511820003 Datasheet HTML 13Page - OSRAM GmbH 511820003 Datasheet HTML 14Page - OSRAM GmbH 511820003 Datasheet HTML 15Page - OSRAM GmbH 511820003 Datasheet HTML 16Page - OSRAM GmbH 511820003 Datasheet HTML 17Page - OSRAM GmbH 511820003 Datasheet HTML 18Page - OSRAM GmbH 511820003 Datasheet HTML 19Page - OSRAM GmbH 511820003 Datasheet HTML 20Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 52 page
background image
Document Feedback
Mira130
Typical Application Circuit
Datasheet
• PUBLIC
DS000715
• v6-00 • 2023-Aug-09
51
│ 15
c) Reference layer: There must be a reference layer below the MIPI differential pairs (a ground plane is recommended).
The continuity of the layer must be guaranteed, that is the layer below the MIPI differential pairs cannot be fragmented,
cannot consist of gaps, and cannot be cut by other lines. A whole layer of ground is preferred. If not possible, the
minimum requirement is to ensure that the reference layer below the MIPI differential pairs is 4 W wider than each side
of the MIPI signal wire, where W is the width of MIPI differential pairs.
d) Equal length: The difference in length between the two wires of a MIPI differential pair should be limited to 10 mils,
and the difference in length among MIPI differential pairs should be controlled within 100 mils. These requirements
ensure that the differential signals can reach the receiving end at the same time. When implementing the requirement of
equal length, the symmetry should be considered. The distance between meander wires should be 4 times the trace
width to avoid being too dense. The wires should be wound near the bonding pad as much as possible to keep equal
length, and the wire width and distance cannot be changed arbitrarily.
e) Symmetry: MIPI differential pairs should be kept equal length and distance. The purpose of symmetry is to ensure the
consistency of trace impedance in order to reduce reflection. Poor symmetry may result in signal distortion, instability or
no image.
f) Keep clear of interference: The clearance between MIPI differential pairs should be larger than 2 W. The clearance
between MIPI differential pairs and other high-speed signals (parallel data lines, clock lines, etc.) should be larger than
3 W, and they should not be routed in parallel. A larger clearance should be considered to avoid interference generated
from circuits such as switching power supplies.
g) Through holes: Through holes should be avoided for MIPI differential pairs. If unavoidable, through holes should be
on both wires of the differential pair in order to maintain symmetry. If a differential pair is routed to another layer by
means of through holes, the reference layer should also follow by means of through holes near the through holes of the
differential pair.
For the PLCC package with less pins the recommended application circuit is in Figure 11:
Application Circuit for PLCC Package.
Figure 11:
Application Circuit for PLCC Package



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com