Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

511820003 Datasheet(PDF) 19 Page - OSRAM GmbH

Part # 511820003
Description  1.3 MP NIR Enhanced Global Shutter CMOS Image Sensor
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

511820003 Datasheet(HTML) 19 Page - OSRAM GmbH

Back Button 511820003 Datasheet HTML 15Page - OSRAM GmbH 511820003 Datasheet HTML 16Page - OSRAM GmbH 511820003 Datasheet HTML 17Page - OSRAM GmbH 511820003 Datasheet HTML 18Page - OSRAM GmbH 511820003 Datasheet HTML 19Page - OSRAM GmbH 511820003 Datasheet HTML 20Page - OSRAM GmbH 511820003 Datasheet HTML 21Page - OSRAM GmbH 511820003 Datasheet HTML 22Page - OSRAM GmbH 511820003 Datasheet HTML 23Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 52 page
background image
Document Feedback
Mira130
Electrical Characteristics
Datasheet
• PUBLIC
DS000715
• v6-00 • 2023-Aug-09
51
│ 18
Figure 14:
AC Characteristics (T = 25 °C, VAVDD = 2.5 V, VDOVDD = 1.8 V)
Symbol
Parameter
Min
Typ
Max
Unit
AC Parameters
DLE
DC differential linearity deviation
-
< 1
-
LSB
ILE
DC integral linearity deviation
-
< 2
-
LSB
Soft reset settling time
-
-
1
ms
Resolution change settling time
-
-
1
ms
Register initialization time
-
-
300
ms
Crystal and Clock Input
fextclk
Input clock frequency
6
-
27
MHz
Input clock rise/fall time
-
-
5
ns
Figure 15:
Input Clock Waveform



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com