Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PM3350-SW Datasheet(PDF) 32 Page - PMC-Sierra, Inc

Part # PM3350-SW
Description  8 PORT ETHERNET SWITCH
PDF  224 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM3350-SW Datasheet(HTML) 32 Page - PMC-Sierra, Inc

Back Button PM3350-SW Datasheet HTML 28Page - PMC-Sierra, Inc PM3350-SW Datasheet HTML 29Page - PMC-Sierra, Inc PM3350-SW Datasheet HTML 30Page - PMC-Sierra, Inc PM3350-SW Datasheet HTML 31Page - PMC-Sierra, Inc PM3350-SW Datasheet HTML 32Page - PMC-Sierra, Inc PM3350-SW Datasheet HTML 33Page - PMC-Sierra, Inc PM3350-SW Datasheet HTML 34Page - PMC-Sierra, Inc PM3350-SW Datasheet HTML 35Page - PMC-Sierra, Inc PM3350-SW Datasheet HTML 36Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 224 page
background image
ELAN 8X10
PM3350 ELAN 8 X10
DATA SHEET
PMC-970109
ISSUE 3
8 PORT ETHERNET SWITCH
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND PMC-SIERRA, INC. CUSTOMERS ONLY
30
PCI Bus Interface
Parameter
Description
MIN
TYP
MAX
Units
Tpsu
Setup time of all PCI inputs from PCICLK rising
7
nsec
Tph
Hold time of all PCI inputs from PCICLK rising
0
nsec
Tpon
Min Float to active delay of all outputs from
PCICLK rising
2
nsec
Tpoff
Max Active to float delay of all outputs from
PCICLK rising
28
nsec
Tpval
Signal valid of all outputs from PCICLK rising
2
13
nsec
Trstoff
RST* active to output float delay
40
nsec
PCICLK
PCI Inputs
PCI Outputs
NOTES:
(1) PCI inputs are considered to be those signals that are driven
by an external PCI device, while PCI outputs are signals that
are driven by the PM3350. Note that many of the PCI signals
are treated as outputs in some cycles and inputs in others.
Tpsu
Tph
Tpon
Tpval
Tpoff



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com