Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PM3350-SW Datasheet(PDF) 35 Page - PMC-Sierra, Inc

Part # PM3350-SW
Description  8 PORT ETHERNET SWITCH
PDF  224 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM3350-SW Datasheet(HTML) 35 Page - PMC-Sierra, Inc

Back Button PM3350-SW Datasheet HTML 31Page - PMC-Sierra, Inc PM3350-SW Datasheet HTML 32Page - PMC-Sierra, Inc PM3350-SW Datasheet HTML 33Page - PMC-Sierra, Inc PM3350-SW Datasheet HTML 34Page - PMC-Sierra, Inc PM3350-SW Datasheet HTML 35Page - PMC-Sierra, Inc PM3350-SW Datasheet HTML 36Page - PMC-Sierra, Inc PM3350-SW Datasheet HTML 37Page - PMC-Sierra, Inc PM3350-SW Datasheet HTML 38Page - PMC-Sierra, Inc PM3350-SW Datasheet HTML 39Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 224 page
background image
ELAN 8X10
PM3350 ELAN 8 X10
DATA SHEET
PMC-970109
ISSUE 3
8 PORT ETHERNET SWITCH
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND PMC-SIERRA, INC. CUSTOMERS ONLY
33
Memory Interface
60 ns EDO DRAM AC Timing
Parameter
Description
MIN
TYP
MAX
Units
TCKP
MCLK period
20
nsec
TARD
Row address stable to MRAS* fall delay
15
nsec
TRAW
Row address width
35
nsec
TACD
Column address stable to CAS* fall delay
15
nsec
TCAW
Column address width
35
nsec
TCP
CAS* period
35
nsec
TCPL
CAS* low time
15
nsec
TWDS
Write data setup to CAS* fall
15
nsec
TWDH
Write data hold to CAS* fall
15
nsec
TRDS
Read data setup to CAS* fall
20
nsec
TRDH
Read data hold from CAS* fall
0
nsec
TREC
Read data HiZ to write data drive
15
nsec
150 ns EEPROM/EPROM AC Timing
Parameter
Description
MIN
TYP
MAX
Units
TCKP
MCLK period
20
ns
TMAOD
Max MADDR[17:0] delay from SYSCLK (read, first cycle)
21
ns
TCEW
Min MCS*[3:0] pulse width
190
ns
TOEW
Min MRD* pulse width
190
ns
TMDIS
Min MDATA[31:0] setup to SYSCLK (read, 11th cycle)
10
ns
TRDH
Min MDATA[31:0] hold from MRD* rise (read, 12th cycle)
(by design, data is latched internally in the cycle before the
rise of MRD*)
0
ns
TWAW
Min MADDR[17:0] setup to MWE*[3:0] rise
190
ns
TWAH
Min MADDR[17:0] hold from MWE*[3:0] rise
40
ns
TWP
Min MWE*[3:0] pulse width (write, second cycle)
190
ns
TWDS
Min MDATA[31:0] setup to MWE*[3:0] rise
180
ns
TWDH
Min MDATA[31:0] hold to MWE*[3:0] rise
15
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com