Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PM3350-SW Datasheet(PDF) 63 Page - PMC-Sierra, Inc

Part # PM3350-SW
Description  8 PORT ETHERNET SWITCH
PDF  224 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM3350-SW Datasheet(HTML) 63 Page - PMC-Sierra, Inc

Back Button PM3350-SW Datasheet HTML 59Page - PMC-Sierra, Inc PM3350-SW Datasheet HTML 60Page - PMC-Sierra, Inc PM3350-SW Datasheet HTML 61Page - PMC-Sierra, Inc PM3350-SW Datasheet HTML 62Page - PMC-Sierra, Inc PM3350-SW Datasheet HTML 63Page - PMC-Sierra, Inc PM3350-SW Datasheet HTML 64Page - PMC-Sierra, Inc PM3350-SW Datasheet HTML 65Page - PMC-Sierra, Inc PM3350-SW Datasheet HTML 66Page - PMC-Sierra, Inc PM3350-SW Datasheet HTML 67Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 224 page
background image
ELAN 8X10
PM3350 ELAN 8 X10
DATA SHEET
PMC-970109
ISSUE 3
8 PORT ETHERNET SWITCH
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND PMC-SIERRA, INC. CUSTOMERS ONLY
61
Boot Data
In addition to the signature, header and bootstrap firmware code, the boot image is
expected to contain configuration information such as the sizes of memory buffer pools,
buffer limits defined on a per-port basis, predetermined MAC addresses to be placed in
the routing tables, the location of external ELAN 8x10s, the MAC address and IP
address assigned to this ELAN 8x10, and so on. The boot image must also supply the
operating firmware that is required by the ELAN 8x10 for packet switching and
management. The general layout of the boot image is as shown below (note that the
memory addresses increase downwards):
0
Boot Image Signature
Boot Image Header
Boot Tag Space
Bootstrap Firmware Code
Auxiliary Configuration Information
Auxiliary Firmware Code
32
Kbytes
Master Operating Code
RTOS Firmware Code (optional)
UDP/IP Stack Firmware Code
(optional)
256
Kbytes
SNMP Agent/MIB Firmware Code
(optional)
As shown, the basic bootstrap code and the master switch operating firmware occupy
32 Kbytes of EPROM/EEPROM space; if an SNMP agent is required (with the
associated UDP/IP stack and RTOS firmware), then the boot image size requirements
rise to 256 Kbytes. Contact the factory for more information on the boot image, and the
means of creating one.
The bootstrap firmware code performs a brief self-test, testing external memory and
verifying the boot image checksum. The status of each stage of the self-test is output
as writes of binary codes to the (configurable) memory location at which the optional
LED register may be located. After the self-test completes, the ELAN 8x10 uses the
information read from the boot image to set up the fixed and dynamic data structures in
external and internal RAM, and then initiates normal operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com