| Electronic Components Datasheet Search |
|
PM3350-SW Datasheet(PDF) 40 Page - PMC-Sierra, Inc |
|
|
|||||||||||||||||||||||||||||
PM3350-SW Datasheet(HTML) 40 Page - PMC-Sierra, Inc |
|
40 / 224 page ![]() ELAN 8X10 PM3350 ELAN 8 X10 DATA SHEET PMC-970109 ISSUE 3 8 PORT ETHERNET SWITCH PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND PMC-SIERRA, INC. CUSTOMERS ONLY 38 FUNCTIONAL DESCRIPTION Overview This section will provide an overview of the PM3350 ELAN 8x10 system and internal components, the device initialization and configuration process, the structures built and used by the device to perform its functions, and a brief description of how packets are switched by the device. System Components In order to describe the functions and operation of the ELAN 8x10 device, it is first necessary to discuss the operating environment that is intended to be built around it. A typical simple switching system utilizing the ELAN 8x10 device consists of: 1. The ELAN 8x10 device itself. 2. A set of DRAM devices that provide the operating memory for the ELAN 8x10, mapped to the lowest bank of the ELAN 8x10 address space (i.e., addresses starting at 0x000000 hex). The amount of DRAM provided is a system- dependent parameter; the minimum amount required is 1 MB of RAM. 3. An EPROM containing the bootstrap image for the ELAN 8x10, i.e., the operating firmware, operating parameters, and system initialization code; this EPROM is mapped into the second lowest bank of the ELAN 8x10 memory address space, i.e., the 4 MB address range starting at address 0x400000 hex. The size of the EPROM is highly dependent on the operating configuration of the ELAN 8x10, with the minimum requirement being 32 kB. 4. External transceiver devices that implement the PHY layer functions required for 10BaseT Ethernet. 5. An LED register, connected to a bank of eight LEDs, that may be used to report status information for diagnostic purposes if required. The LED register is mapped into the third bank of ELAN 8x10 memory address space, starting at 0x800000 hex. 6. A system voltage monitor or other means of asserting a system reset for a specified time after the power supply voltage has stabilized, plus, if necessary, a pushbutton switch for forcing a system reset after power-up. 7. A set of pull-up and pull-down resistors that are connected to the ELAN 8x10 data bus in order to drive device configuration information on to the data bus during system reset. Note that the above system description assumes, for simplicity, a single ELAN 8x10 device in the system. Multiple devices may be interconnected via the PCI expansion |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |