| Electronic Components Datasheet Search |
|
PM3350-SW Datasheet(PDF) 82 Page - PMC-Sierra, Inc |
|
|
|||||||||||||||||||||||||||||
PM3350-SW Datasheet(HTML) 82 Page - PMC-Sierra, Inc |
|
82 / 224 page ![]() ELAN 8X10 PM3350 ELAN 8 X10 DATA SHEET PMC-970109 ISSUE 3 8 PORT ETHERNET SWITCH PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND PMC-SIERRA, INC. CUSTOMERS ONLY 80 Type: This 2-bit field is used to initialize the 2-bit frame Type subfield in the Flags fields of data descriptors corresponding to Ethernet frames received on this MAC channel. Normally set to 01 binary, corresponding to unicast frames received on a local MAC channel. TXBlkd: If set, indicates that the MAC channel is blocked to transmit; i.e., no frames can be transmitted out this MAC channel. Normally used by the spanning tree algorithm. RXBlkd: If set, indicates that the MAC channel is blocked to received; i.e., frames received on this MAC channel must be discarded. Normally used by the spanning tree algorithm. Special: If set, indicates that the data descriptors created for Ethernet frames received on this MAC channel should have the Special flag bits set in their Flags fields, causing them to be specially handled by the switching firmware. Normally set to zero; usually set to a '1' by the spanning tree algorithm. The remainder of the local port descriptor holds per-port counters that are maintained and updated by the switching firmware in order to support the SNMP and RMON MIB statistics. A total of 11 32-bit counters are implemented. Note that the TXDeferred counter tracks the number of frames whose transmission was delayed due to the need to defer to received frames as stipulated by the Carrier Sense Multiple Access protocol of IEEE 802.3. (This counter is part of the standard Ethernet MIB, and is typically used to track the utilization of the link.) The Switch Processor caches all of the eight local port descriptors during normal operation. The in-memory copy of the local port descriptors, therefore, is likely to be 'stale' (i.e., outdated by information in the Switch Processor's data cache). The local port descriptors should preferably be read, if desired, by using the message interface maintained by the Switch Processor. If the contents of the local port descriptors must be directly read over the PCI bus, the Switch Processor data cache must be flushed prior to the read, again via the message interface. (The operation of the message interface is described below.) Transmit Queue Each local port descriptor maintains, as already described, a queue of frames that are awaiting transmission out the MAC channel. These frames have typically been received on some other port, and are directed to the given MAC channel during the switching process. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |