Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PM3350-SW Datasheet(PDF) 7 Page - PMC-Sierra, Inc

Part # PM3350-SW
Description  8 PORT ETHERNET SWITCH
PDF  224 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM3350-SW Datasheet(HTML) 7 Page - PMC-Sierra, Inc

Back Button PM3350-SW Datasheet HTML 3Page - PMC-Sierra, Inc PM3350-SW Datasheet HTML 4Page - PMC-Sierra, Inc PM3350-SW Datasheet HTML 5Page - PMC-Sierra, Inc PM3350-SW Datasheet HTML 6Page - PMC-Sierra, Inc PM3350-SW Datasheet HTML 7Page - PMC-Sierra, Inc PM3350-SW Datasheet HTML 8Page - PMC-Sierra, Inc PM3350-SW Datasheet HTML 9Page - PMC-Sierra, Inc PM3350-SW Datasheet HTML 10Page - PMC-Sierra, Inc PM3350-SW Datasheet HTML 11Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 224 page
background image
ELAN 8X10
PM3350 ELAN 8 X10
DATA SHEET
PMC-970109
ISSUE 3
8 PORT ETHERNET SWITCH
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND PMC-SIERRA, INC. CUSTOMERS ONLY
5
FEATURES
•
Single-chip, 8-port 10BaseT Ethernet switch device for low-cost unmanaged and
managed networks.
•
On-chip 50 MHz RISC CPU processor core, multi-channel DMA controller,
MAC-layer interface logic, FIFOs, PCI-based expansion port and a flexible
memory controller.
•
CPU supports background applications running on local OS (e.g., SNMP or
RMON), and real-time data oriented applications (e.g., packet forwarding and
filtering decisions).
•
Concurrently switches packets between 8 independent half-duplex ports at the
full Ethernet rate of 10 Mbit/s.
•
Fully compatible with the PM3351 1-port 10/100 Mbit/s switch device; may be
used to create a compact and inexpensive mixed 10/100 Mbit/s switch.
•
Store-and-forward operation with full error checking and filtering.
•
Filtering and switching at wire rates (up to 14,880 packets per second per port),
supporting a mix of Ethernet and IEEE 802.3 protocols.
•
Performs all address learning, address table management and aging functions
for up to 32,768 MAC addresses (limited by external memory) with an address
learning rate of up to 10,000 addresses per second.
•
Maximum broadcast/multicast rate of 14,880 packets per second per port with
configurable broadcast storm rate limiting.
•
Low-latency operation in both unicast and broadcast modes.
•
Implements the Link Partition function to isolate malfunctioning segments or
hosts.
•
IEEE 802.1d compliant spanning-tree transparent bridging supported on-chip,
with configurable aging time and packet lifetime control.
•
On-chip user-enabled backpressure flow control with configurable per-port
buffer thresholds and limits.
•
Expandable to 64 ports without loss in throughput using multiple PM3350
devices via an on-chip 1 Gbit/s expansion port.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com