Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PM3350-SW Datasheet(PDF) 74 Page - PMC-Sierra, Inc

Part # PM3350-SW
Description  8 PORT ETHERNET SWITCH
PDF  224 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM3350-SW Datasheet(HTML) 74 Page - PMC-Sierra, Inc

Back Button PM3350-SW Datasheet HTML 70Page - PMC-Sierra, Inc PM3350-SW Datasheet HTML 71Page - PMC-Sierra, Inc PM3350-SW Datasheet HTML 72Page - PMC-Sierra, Inc PM3350-SW Datasheet HTML 73Page - PMC-Sierra, Inc PM3350-SW Datasheet HTML 74Page - PMC-Sierra, Inc PM3350-SW Datasheet HTML 75Page - PMC-Sierra, Inc PM3350-SW Datasheet HTML 76Page - PMC-Sierra, Inc PM3350-SW Datasheet HTML 77Page - PMC-Sierra, Inc PM3350-SW Datasheet HTML 78Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 224 page
background image
ELAN 8X10
PM3350 ELAN 8 X10
DATA SHEET
PMC-970109
ISSUE 3
8 PORT ETHERNET SWITCH
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND PMC-SIERRA, INC. CUSTOMERS ONLY
72
information carried by the data descriptor, or the purpose for which the data
descriptor is being used. In the case of message descriptors, this field is used
carry a code that identifies the type of message being sent from one chip to
another. For normal data descriptors that point to frame data being
processed, this field is usually set to zero. The mark-and-sweep algorithm
used to maintain the transmit queues will also utilize this field to determine
when a particular transmit queue has been excessively blocked.
The FirstPB and LastPB fields contain the 24-bit addresses of the head and tail,
respectively, of the linked-list of packet buffers that are associated with this data
descriptor. If only one packet buffer is present in the linked-list, then the FirstPB and
LastPB pointers contain the same value. It is an error for the FirstPB field to be zero in
any valid data descriptor that points to an Ethernet frame; however, message data
descriptors (i.e., those used for exchanging messages between ELAN 8x10 devices)
may optionally have the FirstPB field set to zero, if the entire content of the message
can be placed in unused fields of the data descriptor. The NumPBs field contains the
count of the number of packet buffers contained within the linked-list of packet buffers,
and may range between 1 and 255.
The SrcPort and SrcChip fields indicate the source port index and the source device
index, respectively, on which the Ethernet frame entered the system. The values in the
SrcPort field are directly derived from the hardware indices assigned to the various
physical MAC channels of the ELAN 8x10; the value placed in the SrcChip field by any
ELAN 8x10 device is assigned as a system parameter during the device boot-up and
initialization process, using data obtained from the boot image. If the Learn bit is set in
the data descriptor Flags field, then both of these fields are used to associate the
source MAC address within the Ethernet frame with a particular device and physical
port.
The HashBkt field holds the 24-bit local memory address of the address hash bucket
associated with either the source or destination MAC address in the Ethernet frame
header. If the Ethernet frame is to be broadcast (or the Learn bit is set, and the frame
must be flooded), the HashBkt field holds the memory address of the hash bucket
corresponding to the source MAC address in the source device's address space; if, on
the other hand, the frame is a unicast, then the HashBkt field contains the memory
address of the hash bucket for the destination MAC address in the destination device's
address space. (The distinction between the source and destination device address
spaces only applies to frame transfers across the PCI expansion bus; if the frame is
being switched locally, or there is only one ELAN 8x10 device in the system, then the
source and destination address spaces are the same.) The HashBkt field has a dual
purpose: it is used to learn the memory address of a source hash bucket during
broadcasts and floods, and is also used to indicate a target destination hash bucket to
use in switching unicast frames once address learning is complete. More details on the
use of the HashBkt field in various situations will be provided in subsequent sections.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com