| Electronic Components Datasheet Search |
|
PM3350-SW Datasheet(PDF) 17 Page - PMC-Sierra, Inc |
|
|
|||||||||||||||||||||||||||||
PM3350-SW Datasheet(HTML) 17 Page - PMC-Sierra, Inc |
|
17 / 224 page ![]() ELAN 8X10 PM3350 ELAN 8 X10 DATA SHEET PMC-970109 ISSUE 3 8 PORT ETHERNET SWITCH PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND PMC-SIERRA, INC. CUSTOMERS ONLY 15 Spanning tree bridging capabilities The ELAN 8x10 optionally implements the 802.1d spanning tree protocol, allowing it to interoperate with IEEE-standard transparent bridges. The spanning tree protocol is supported by the on-chip Switch Processor unit, and does not require an external CPU for implementation. Management and monitoring support The ELAN 8x10 maintains full RMON port and host statistics for all ports and all learned MAC addresses at wire rates. These statistics may be retrieved either in-band (via SNMP agent) or out-of-band (via the expansion bus). The ELAN 8x10 implements an optional on-chip SNMP agent on top of an integral UDP/IP protocol stack, supporting SNMP and the RFC1493 bridge MIB. When multiple ELAN 8x10 chips are present in a system, they may be configured to intercommunicate and create a distributed MIB in a transparent manner. Alternatively, the system vendor may elect to disable the SNMP agent and access the ELAN 8x10 statistics and configuration variables directly from the expansion port. Status codes may be displayed on a set of LEDs (Light Emitting Diodes) during self-test and operation at the system implementer's discretion. These status codes are output to a register mapped into the ELAN 8x10 memory data bus at a specific address location. Device failure during self-test, or specific operating conditions, may be displayed using front-panel LEDs connected to the register. Autoconfiguration via Local PROM/EEPROM The ELAN 8x10 will automatically self-configure upon power-up using user-defined parameters supplied in an external EPROM or EEPROM. The EPROM/ EEPROM may be connected to the memory bus and mapped to any address range; the ELAN 8x10 will automatically locate the EPROM or EEPROM and load the configuration parameters from it. The ELAN 8x10 also contains hardware that enables it to write to standard 3.3-volt EEPROM devices, thus permitting configuration information to be changed dynamically. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |