| Electronic Components Datasheet Search |
|
PM3350-SW Datasheet(PDF) 86 Page - PMC-Sierra, Inc |
|
|
|||||||||||||||||||||||||||||
PM3350-SW Datasheet(HTML) 86 Page - PMC-Sierra, Inc |
|
86 / 224 page ![]() ELAN 8X10 PM3350 ELAN 8 X10 DATA SHEET PMC-970109 ISSUE 3 8 PORT ETHERNET SWITCH PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND PMC-SIERRA, INC. CUSTOMERS ONLY 84 RXBcastFrames: 32-bit count of frames received on this MAC port which were broadcast. RXBcastOctets: 32-bit count of bytes in frames received on this MAC port which were broadcast. RXFloodFrames: 32-bit count of frames received on this MAC port which were flooded. RXFloodOctets: 32-bit count of bytes in frames received on this MAC port which were flooded. RXMcastFrames: 32-bit count of frames received on this MAC port which were multicast. RXMcastOctets: 32-bit count of bytes in frames received on this MAC port which were multicast. The counters maintained within the port descriptor counter structures correspond to those required by the RMON and SNMP MIBs. The port descriptor counter structures occupy the memory locations described in the address map previously given, with the port descriptor counter structure for physical port 0 occupying the lowest address, and so on. As the port descriptor counter structures are not cached, they may be read at any time via PCI bus accesses. Expansion Port Descriptor Tables A set of data structures, collectively referred to as the Expansion Port Descriptor Table, is associated with the PCI expansion port. The Expansion Port Descriptor Table consists of eight 16-byte expansion port descriptors, each representing one of the (at most) eight ELAN 8x10 (or compatible) devices in the system, along with an associated set of eight frame transfer queues that contain frames pending to be transferred to the particular device. As noted, a single expansion port descriptor and the corresponding frame transfer queue is assigned to each device present on the PCI bus; as there can be at most seven external devices (i.e., excluding the device being considered), only seven of the eight expansion port descriptors are used, and the eighth descriptor is left untouched. Note that the use of the expansion port descriptors is not limited to communicating with ELAN 8x10 devices. Any device that implements the same transfer protocol can be interfaced to the ELAN 8x10 PCI bus interface and assigned an expansion port descriptor (with the associated frame transfer queue), and the ELAN 8x10 device will transfer frames to this device without any special considerations. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |