Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PM3350-SW Datasheet(PDF) 92 Page - PMC-Sierra, Inc

Part # PM3350-SW
Description  8 PORT ETHERNET SWITCH
PDF  224 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM3350-SW Datasheet(HTML) 92 Page - PMC-Sierra, Inc

Back Button PM3350-SW Datasheet HTML 88Page - PMC-Sierra, Inc PM3350-SW Datasheet HTML 89Page - PMC-Sierra, Inc PM3350-SW Datasheet HTML 90Page - PMC-Sierra, Inc PM3350-SW Datasheet HTML 91Page - PMC-Sierra, Inc PM3350-SW Datasheet HTML 92Page - PMC-Sierra, Inc PM3350-SW Datasheet HTML 93Page - PMC-Sierra, Inc PM3350-SW Datasheet HTML 94Page - PMC-Sierra, Inc PM3350-SW Datasheet HTML 95Page - PMC-Sierra, Inc PM3350-SW Datasheet HTML 96Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 92 / 224 page
background image
ELAN 8X10
PM3350 ELAN 8 X10
DATA SHEET
PMC-970109
ISSUE 3
8 PORT ETHERNET SWITCH
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND PMC-SIERRA, INC. CUSTOMERS ONLY
90
31
24 23
0
Unused
Pointer to bucket/tag (NULL if none)
...
Unused
Pointer to bucket/tag (NULL if none)
4N
Unused
Pointer to bucket/tag (NULL if none)
4N+4
Unused
Pointer to bucket/tag (NULL if none)
4N+8
Unused
Pointer to bucket/tag (NULL if none)
4N+12
Unused
Pointer to bucket/tag (NULL if none)
...
The hash pointer array occupies the locations in memory as described by the address
map given previously. Initially, all the pointers in the array are set to zero (NULL),
indicating that no MAC address is present in the hash table. As MAC addresses are
learned (or statically created), the hash buckets or forwarding tags corresponding to
these addresses are inserted into the hash table, and the relevant pointers in the array
are updated to point to the linked-lists of hash buckets and/or forwarding tags. Note that
newly learned addresses are always placed at the head of any linked-list thus created.
The size of the hash array, which determines the probability of collisions (i.e., the
probability that multiple MAC addresses will be associated with a single hash pointer
array index, leading to the need for traversing a linked-list), is a configurable parameter
that may be set at initialization.
The contents of the hash array are never cached by the Switch Processor in its data
cache; thus the hash array may be read via the PCI bus interface without data
consistency issues.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com